Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 20 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 16Page - NXP Semiconductors ASL5015FHV Datasheet HTML 17Page - NXP Semiconductors ASL5015FHV Datasheet HTML 18Page - NXP Semiconductors ASL5015FHV Datasheet HTML 19Page - NXP Semiconductors ASL5015FHV Datasheet HTML 20Page - NXP Semiconductors ASL5015FHV Datasheet HTML 21Page - NXP Semiconductors ASL5015FHV Datasheet HTML 22Page - NXP Semiconductors ASL5015FHV Datasheet HTML 23Page - NXP Semiconductors ASL5015FHV Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
20 / 69
Registers IMMOFFREG1 and IMMOFFREG2 are used to turn all the channels OFF
immediately. That means 100 % duty cycle in the internal FET gate (switch in low ohmic
state and bypassing the LEDs) and 0 % PWM duty cycle in the LED or LEDs associated
to this channel. These registers can be sent to a selected IC or as a broadcast message,
depending on the frame ID only (command bits). The microcontroller can control every
channel individually.
Table 8. Start commands for each channel (Read/Write)
Address Register
D7
D6
D5
D4
D3
D2
D1
D0
32h
START1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
33h
START2
unused
CH12
CH11
CH10
CH9
Registers START1 and START2, are used to start the sequences. These commands
should be sent after all the channels have been programmed with the desired values.
The microcontroller can control every channel individually. Other way of starting a
channel is programing the CURVEIDx resgister with NOW bit =1, but at least one
previous START command must be performed from the moment the MLC startup.
8.5 Delay coefficient – ASL50xxyHz
The delay coefficient can be set in the DELAYx register. See Section 8.4.1 "Channel
programming registers map". This setting is individual for each channel and has a
resolution of 8 bits. After the delay coefficient is set, a delay for a PWM curve can
be programmed and the channel starts following the PWM dimming curve after the
programmed step delay.
This feature on the ASL50xxyHz saves many software lines in the MCU and reduces the
load on the communication bus. The combination of the delay and the fade-in/fade-out
curves can be used in applications such as dynamic turn indicator or welcome scenarios.
The delay resolution is 4.09 ms in case the PWM frequency is set to 244 Hz or 2 ms if it
is set to 488 Hz.
8.6 Diagnostics
8.6.1 Direct NTC input
The MLC is able to read the voltage drop in an attached NTC from 0 V to 1.1 V. This
analog voltage drop is converted to a digital value with an internal ADC. The customer
can read the 6-bit digital value of this voltage drop in register 39h.
The MLC uses a continuos current of 25 µA to check the NTC status. This check is
to determine if an open or short condition is present. The MLC uses a current of 440
µA to measure the voltage drop in the NTC and provide the digital value (only when
CAN command 13 or 46 are sent). Figure 10 shows the measurement process. The
microcontroller triggers the NTC read with command 13 for selective MLC or command
46 for broadcast trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com