Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 29Page - NXP Semiconductors ASL5015FHV Datasheet HTML 30Page - NXP Semiconductors ASL5015FHV Datasheet HTML 31Page - NXP Semiconductors ASL5015FHV Datasheet HTML 32Page - NXP Semiconductors ASL5015FHV Datasheet HTML 33Page - NXP Semiconductors ASL5015FHV Datasheet HTML 34Page - NXP Semiconductors ASL5015FHV Datasheet HTML 35Page - NXP Semiconductors ASL5015FHV Datasheet HTML 36Page - NXP Semiconductors ASL5015FHV Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
33 / 69
The first byte to be read by the MLC is the Most Significant Byte (MSB). Data byte 1
(DB1) in Figure 11.
To ensure a robust communication and an accuracy in the CAN clock of less than
0.25 %, the microcontroller sends a dummy clock trimming every 9 ms. The message
uses the CAN command 34 and it has no data in the data field. If another message has
a cycle of less than 9 ms, then the clock trimming is done with this message and the
dummy clock trimming message is not needed any more.
The MLC can be controlled by several ECUs thanks to the reserved bits in the extended
ID. These bits help to identify the different masters controlling the same MLC or
controllers and also gives the possibility of setting a priority due to the known arbitration
of the CAN protocol.
The master microcontroller can use the same CAN controller to communicate with the
rest of the vehicle and with the MLC. The designer just needs to ensure there are no
message collisions, which respects ISO CAN rules.
8.16 Application protocol
Master to Slave command is always with Extended ID and fixed value in the Standard ID
field for synchronization as shown in Figure 11.
rec
dom
Idle
(11)
Std-ID
(11)
SRTR
IDE
SoF
Measure
and
calibrate
Ext-ID
(18)
RTR
r1 r0
DLC
(4)
Del
Ack
aaa-026613
Data
(0...8 byte)
CRC
(15)
EoF
(10)
DB1
DB8
Figure 11. CAN Ext-ID frame
All the MLC ICs are synchronized in every CAN frame they receive, ensuring good
synchronization between ICs and a very accurate sampling clock, with an accuracy of
less than 0.25 %.
Table 26. Standard-ID and the synchronization sequence
Standard-ID
1
0
1
0
1
0
1
0
1
0
1
Table 27. Extended-ID format
Extended-ID
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
CMD[10:5]
Address[4:0]
Reserved = should be 0 to fit with the ID of the supplied DBC file. These bits can also
be used to drive the MLC or group of MLCs with multiple masters or to avoid message
collision when using the same CAN controller in the main microcontroller to communicate
with the rest of the vehicle.
Address [4:0]: MLC device address (up to 32 ICs in the same CAN network)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com