Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 3Page - NXP Semiconductors ASL5015FHV Datasheet HTML 4Page - NXP Semiconductors ASL5015FHV Datasheet HTML 5Page - NXP Semiconductors ASL5015FHV Datasheet HTML 6Page - NXP Semiconductors ASL5015FHV Datasheet HTML 7Page - NXP Semiconductors ASL5015FHV Datasheet HTML 8Page - NXP Semiconductors ASL5015FHV Datasheet HTML 9Page - NXP Semiconductors ASL5015FHV Datasheet HTML 10Page - NXP Semiconductors ASL5015FHV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
7 / 69
7 Pinning information
7.1 Pinning – HVQFN36 package
aaa-031764
37 - EXP
CP
A0
VMAX
A1
NC
A2
TXD
A3
RXD
A4
VCC
ID
RXD
GND
TXD
NTC
GND
ICP
9
19
8
20
7
21
6
22
5
23
4
24
3
25
2
26
1
27
terminal 1
index area
Transparent top view
Figure 3. Pin configuration for HVQFN36
7.2 Pin description – HVQFN36 package
Table 2. Pin description
Symbol
Pin
Description
GND
1
Ground
TXD
2
Bus data OUT
RXD
3
Bus data IN
VCC
4
External supply (5 V)
RXD
5
Bus data IN (Internally connected with pin 3)
TXD
6
Bus data OUT (Internally connected with pin 2)
NC
7
Not connected
VMAX
8
Voltage reference for the charge pump
CP
9
External charge pump input
SW15
10
Drain of switch 12
SW14
11
Source of switch 12 and drain of switch 11
SW13
12
Source of switch 11 and drain of switch 10
SW12
13
Source of switch 10
NC
14
Not Connected
SW11
15
Drain of switch 9
SW10
16
Source of switch 9 and drain of switch 8
SW9
17
Source of switch 8 and drain of switch 7
SW8
18
Source of switch 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com