Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 22Page - NXP Semiconductors ASL5015FHV Datasheet HTML 23Page - NXP Semiconductors ASL5015FHV Datasheet HTML 24Page - NXP Semiconductors ASL5015FHV Datasheet HTML 25Page - NXP Semiconductors ASL5015FHV Datasheet HTML 26Page - NXP Semiconductors ASL5015FHV Datasheet HTML 27Page - NXP Semiconductors ASL5015FHV Datasheet HTML 28Page - NXP Semiconductors ASL5015FHV Datasheet HTML 29Page - NXP Semiconductors ASL5015FHV Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
26 / 69
Bit
Symbol
Description
3 to 1 IDENTIFICATION
Resistor value
000 — Resistor value 1
001 — Resistor value 2
010 — Resistor value 3
100 — Resistor value 4
011 — Resistor value 5
101 — Resistor value 6
110 — Resistor value 7
111 — Resistor value 8
In this register, the microcontroller can read the identification resistor value with a 3-bit
resolution, from bit 1 to 3. Those three bits give the possibility of using eight different
resistors to characterize the board or LEDs used with the MLC IC.
0
ID-FAIL
Identification resistor fail
0 — No open or short condition is detected in the ID pin.
1 — An open or short condition is detected in the ID pin.
Table 18. Internal Status - Internal status control register (address 3Bh) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TXD_BUFFER_OVERFLOW
unused
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 19. Internal Status - Internal status control register (address 3Bh) bit description
Bit
Symbol
Description
7
TXD_BUFFER_
OVERFLOW
Used to flag a message buffer overflow
0 — The communication buffer has less than three messages in the queue
1 — The communication buffer has three or more messages in the queue
Note: The MLC communication buffer has four free spaces. If the microcontroller continues
requesting information and does not give time for the MLC to answer, then when the buffer is
overflowed, the MLC will start overwriting the content of the last position.
6 to 0
unused
8.7 Internal oscillator 200 MHz for digital blocks
The internal oscillator provides the clock signal for the internal digital blocks. This block
is automatically trimmed to generate a 200 MHz clock signal with 10 % accuracy. The
200 MHz oscillator and an adaptive prescaler gives the 10 MHz needed for the serial
CAN communication. The preamble of the CAN message (standard-ID) is used to
calibrate the prescaler. Therefore, the CAN clock has an accuracy of less than 0.25 %.
The internal oscillator helps to reduce the system cost and improves the system behavior
when synchronizing the internal modules and different MLCs. This feature also helps the
MLC system to have a superior EMC behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com