Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 44 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 40Page - NXP Semiconductors ASL5015FHV Datasheet HTML 41Page - NXP Semiconductors ASL5015FHV Datasheet HTML 42Page - NXP Semiconductors ASL5015FHV Datasheet HTML 43Page - NXP Semiconductors ASL5015FHV Datasheet HTML 44Page - NXP Semiconductors ASL5015FHV Datasheet HTML 45Page - NXP Semiconductors ASL5015FHV Datasheet HTML 46Page - NXP Semiconductors ASL5015FHV Datasheet HTML 47Page - NXP Semiconductors ASL5015FHV Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
44 / 69
• PWM frequency selection (244 Hz or 488 Hz)
• Slew rate control per block (individual)
• Switching phase shifting sequences for the different floating blocks
• Limp Home mode sequence
• Communication baud rate
• Open-circuit detection threshold
• Single / Multiple MLCs (internal push/pull configuration)
• LED calibration / scaling factor (5-bits per channel)
• Overtemperature warning (OTW1 and OTW2) thresholds
• Standby mode (full / partial networking)
• MTP Lock Key and counter
• Short-circuit blanking time selection
• Charge pump fail-safe operation mode (CPFSO)
• Free customer data (~ 480-bit)
• Internal configuration (not accessible by user)
The MTP can be programmed at the end of the production line (once the MLC is
populated on the PCB). The CAN interface can be used to program all the values in the
registers. Table 34 shows the registers to write and read from the MTP, together with a
detailed write and read sequence.
Table 34. MTP Read/Write
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
3Dh (R/W) MTP control
unused
MTP Register Address
3Eh (R/W) MTP Write D1
MTP Write Data D1 [7:0]
3Fh (R/W) MTP Write D2
MTP Write Data D2 [7:0]
40h (R)
MTP Read D1
MTP Read Data D1 [7:0]
41h (R)
MTP Read D2
MTP Read Data D2 [7:0]
Write and read process flow charts are available in the application notes.
14.1 MTP memory map
Table 35. MTP memory map
MTP Registers (16 bits registers)[1][2]
No.
Bits Block
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Add
ress
0
0
00h
16
1
01h
~
reserved[3]
~
112
7
MTP Write Counter0[4]
IC Version[4]
07h
~
~
880
55
reserved
37h
896
56
A
38h
912
57
B
39h
928
58
C
3Ah
944
59
Value has no impact[5]
Curve 0 coefficients
D
3Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com