Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 50 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 46Page - NXP Semiconductors ASL5015FHV Datasheet HTML 47Page - NXP Semiconductors ASL5015FHV Datasheet HTML 48Page - NXP Semiconductors ASL5015FHV Datasheet HTML 49Page - NXP Semiconductors ASL5015FHV Datasheet HTML 50Page - NXP Semiconductors ASL5015FHV Datasheet HTML 51Page - NXP Semiconductors ASL5015FHV Datasheet HTML 52Page - NXP Semiconductors ASL5015FHV Datasheet HTML 53Page - NXP Semiconductors ASL5015FHV Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
50 / 69
Symbol
Parameter/Pin
Conditions
Min
Max
Unit
ASL5x15yHz
–0.3
1.5
A
IT(RMS)
Maximum RMS current per switch
ASL5x08yHz
–0.15
0.8
A
VCP
CP pin
With respect to Ground
–0.2
72
V
VVMAX
VMAX pin
With respect to ground
–0.2
60
V
VTXD
Pin TXD
With respect to ground
–0.2
6
V
VRXD
Pin RXD
With respect to ground
–0.2
6
V
VNTC
Pin NTC
With respect to ground
–0.2
1.95
V
VID
Pin ID
With respect to ground
–0.2
1.95
V
VAx
Pins A0 to A4
With respect to ground
–0.2
6
V
VVcc
Pin VCC
With respect to ground
–0.2
6
V
VICP
Pin ICP
Not ground but must be connected to
ground
–0.2
1.95
V
Tj
Junction temperature
—
–40
175
°C
Tstg
Storage temperature
—
–55
175
°C
TMTP
MTP programming ambient temperature MLC in MTP programming mode
0
40
°C
Ncy(W)MTP Maximum MTP programming times
—
Programming temperature between 0
and 40 °C
—
200
cycles
HBM (at any pins)[1]
–2
2
KV
CDM[2]
–500
500
V
Electrostatic discharge voltage
(Component level)
CDM Corner pins[3]
–750
750
V
ISO10605
SWx, and VCC pins with respect to GND
and 270nF/50V capacitor attached to
the pin. ID and NTC pins with respect to
GND and 10nF capacitor + 3.3 V diode
attached to the pin
–8
8
KV
Vact(ov)ESD
System Level[4][5]
IEC61000-4-2
SWx, and VCC pins with respect to GND
and 270nF/50V capacitor attached to
the pin. ID and NTC pins with respect to
GND and 10nF capacitor + 3.3 V diode
attached to the pin
-6
6
KV
[1]
Human Body Model (HBM): according to AEC-Q100-002 (100 pF, 1.5 KΩ).
[2]
Charged Device Model (CDM): according to AEC-Q100-011 (field Induced charge; 4 pF).
[3]
Only applicable for part numbers with HLQFP package.
[4]
System level test at any pin that can be connected directly to ECU connector (IEC61000-4-2 & ISO10605). Switches pins and Vcc pin. Model for
IEC61000-4-2: 330 Ω / 150 pF. Model for ISO10605: 2 kΩ / 150 pF (unpowered)
[5]
System level test board reference schematic can be found in the application notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com