Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 9Page - NXP Semiconductors ASL5015FHV Datasheet HTML 10Page - NXP Semiconductors ASL5015FHV Datasheet HTML 11Page - NXP Semiconductors ASL5015FHV Datasheet HTML 12Page - NXP Semiconductors ASL5015FHV Datasheet HTML 13Page - NXP Semiconductors ASL5015FHV Datasheet HTML 14Page - NXP Semiconductors ASL5015FHV Datasheet HTML 15Page - NXP Semiconductors ASL5015FHV Datasheet HTML 16Page - NXP Semiconductors ASL5015FHV Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
13 / 69
Figure 6. Multiple strings with segment driving configuration application diagram
Polarity must be respected in the internal MOSFET.
8.2 LED current capability and power dissipation
The LED string current is provided by a separate buck or boost converter. The
specifications of the matrix controller are matched to the multichannel buck converter
ASLx41xSHN. The MLC can also be driven by other buck driver or constant current
suppliers. One buck converter output supplies the current for one LED string. For the
MLC, the maximum LED string voltage is 57 V, maximum LED string current is 1.5 A in
serial configuration, and up to 6 A in parallel configuration for ASL5x15yHzpart numbers.
For part numbers ASL5x08yHz, the maximum LED string current is 0.8 A, in serial
configuration, and up to 3.2 A when paralleling all switches' blocks.
The internal power dissipation depends on the number of LEDs that are bypassed. The
maximum dissipation in the Matrix LED Controller occurs when all switches are closed
with 1.5 A LED current through them, the dissipation is estimated to be 5 W at 120 °C
junction temperature.
8.3 Internal PWM dimming generator and phase shifting
The ASL5015yHz and ASL5008yHz part numbers have an internal PWM generator
module for each channel. The PWM has 12-bit resolution, which means a time accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com