Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Data Sheet
ADIN1110
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 104
3.3 V. For higher current requirements, consider using the circuit
described in Transistor Controlled LED.
Active High LED Polarity
In the active high configuration, the LED_x pin can drive an external
LED from the anode side. Select the R0 and R1 resistors to control
the LED current (refer to the selected LED specifications in Table
2 for information). External pull-down resistors (RPD0, RPD1) with a
value of 4.7 kΩ are recommended.
Figure 15. Recommended Active High LED Circuit
Active Low LED Polarity
In active low configuration, the LED_x pin can drive an external
LED from the cathode side. Select the R0 and R1 resistors to
control the LED current (refer to the selected LED specifications in
Table 2 for information). External pull-up resistors (RPU0, RPU1) with
a value of 4.7 kΩ are recommended.
Figure 16. Recommended Active Low LED Circuit
Transistor Controlled LED
Figure 17 displays a typical configuration where the LED current
required is higher than what the LED_0 and LED_1 pins can supply.
The circuit operates using the active high LED mode. An external
transistor such as an N-channel metal-oxide semiconductor field
effect transistor (MOSFET) can be used. The transistor must be
selected so the gate input capacitance is not sinking current above
the maximum rating of the LED during the actuation (refer to the
transistor technical specifications for information). If required, the
inrush current can be reduced by placing a resistance between
the transistor gate and the ADIN1110 pin, and/or adding a parallel
capacitor between the GND and the LED_x pin. The additional re-
sistor and capacitor values must be defined based on the transistor
selection.
Select the R0 and R1 resistors to control the LED current. External
pull-down resistors (RPD0, RPD1) with a value of 4.7 kΩ are recom-
mended.
VCC can be set to match the LED power requirements.
Figure 17. Recommended Transistor Controlled LED Circuit
Autosense Polarity
In autosense mode, the polarity of the LED is automatically detect-
ed during power-up, hardware reset, or software reset.
LED_0 (internal pull-up) and LED_1 (internal pull-down) have differ-
ent autosense behaviors due to their internal pull-up and pull-down
configurations. Use one of the configurations described in the
Active High LED Polarity, Active Low LED Polarity, and Transistor
Controlled LED sections so that the two LED_x pins can be control-
led the same way.
COMPONENT RECOMMENDATIONS
Crystal
The typical connection for an external crystal (XTAL) is shown in
Figure 18. To ensure minimum current consumption and minimize
stray capacitances, make connections between the crystal, capaci-
tors, and ground as close to the ADIN1110 as possible. Consult
individual crystal vendors for recommended load information and
crystal performance specifications.
The crystal specification defines CL. CPCB1 and CPCB2 are the
parasitic impedances of the PCB between XTAL_I/CLK_IN and
ground, and between XTAL_O and ground, respectively. CX1 is the
capacitor connected to XTAL_I/CLK_IN, and CX2 is the capacitor
connected to XTAL_O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com