Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 59 of 104
Table 76. Bit Descriptions for TS_CFG
Bits
Bit Name
Description
Reset
Access
written). Note that on writing 1 to this register, the TS_TIMER output immediately toggles from 0
to 1.Writing to this field has no effect if the TS_TIMER has already been enabled.
1
TS_CLR
Clear the 1588 Time Stamp Counters. Write a 1 to reset the time stamp counters to 0. This field
automatically clears to 0 after it is written to 1. Four counters are cleared, the accumulator, the
nanoseconds counter, the seconds counter, and the free running counter.
0x0
W
0
TS_EN
Enable the 1588 Time Stamp Counter. When set to 1, the time stamp counter is enabled and time
stamps are captured for all received frames. The counters are not cleared when TS_EN is 0, they
simply freeze. Therefore, it is recommended to write to use TS_CLR after disabling the counters
to get them to a known state before starting again.
0x0
R/W
High Period for TS_TIMER Register
Address: 0x85, Reset: 0x00000000, Name: TS_TIMER_HI
Table 77. Bit Descriptions for TS_TIMER_HI
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_TIMER_HI
TS_TIMER High Period. This register must be programmed with a value that is divisible by 16 decimal
because the counters are driven by a 120 MHz clock and increment in steps of 16. The minimum value that
can be written to this field is 16 decimal.
0x0
R/W
Low Period for TS_TIMER Register
Address: 0x86, Reset: 0x00000000, Name: TS_TIMER_LO
Table 78. Bit Descriptions for TS_TIMER_LO
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_TIMER_LO
TS_TIMER Low Period. This register must be programmed with a value that is divisible by 16 decimal
because the counters are driven by a 120 MHz clock and increment in steps of 16.The minimum value that
can be written to this field is 16 decimal.
0x0
R/W
Quantization Error Correction Register
Address: 0x87, Reset: 0x00000000, Name: TS_TIMER_QE_CORR
Table 79. Bit Descriptions for TS_TIMER_QE_CORR
Bits
Bit Name
Description
Reset
Access
[31:8]
RESERVED
Reserved.
0x0
R
[7:0]
TS_TIMER_QE_CORR
TS_TIMER Quantization Error Correction Value. If the required TS_TIMER low and high periods
are not directly divisible by 16, program this field with a value between 0 and 15 to compensate
for the TS_TIMER quantization error.
0x0
R/W
TS_TIMER Counter Start Time Register
Address: 0x88, Reset: 0x00000000, Name: TS_TIMER_START
Point in Time at Which to Start the TS_TIMER Counter.
Table 80. Bit Descriptions for TS_TIMER_START
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_TSTART
Point in Time at Which to Start the TS_TIMER Counter. Writing to this register starts the TS_TIMER output.
To start the TS_TIMER output, this field must be written to a value greater than or equal to 16. After the
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com