Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 65 of 104
The number of frames in the receive FIFO.
Table 108. Bit Descriptions for P1_HI_RFC
Bits
Bit Name
Description
Reset
Access
[31:9]
RESERVED
Reserved.
0x0
R
[8:0]
P1_HI_RFC
Receive Frame Count for the High Priority FIFO. The number of frames in the Rx FIFO. Provided for debug
purposes. In store and forward mode, the host software only needs to know that there is at least one frame
available. See P1_RX_RDY in the Status Register 1 section.
0x0
R
P1 Low Priority Rx FIFO Valid Half Words Register
Address: 0xBA, Reset: 0x00000000, Name: P1_LO_RXSIZE
Number of valid half words (16 bits) in the low priority Rx FIFO.
Table 109. Bit Descriptions for P1_LO_RXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P1_LO_RXSIZE
Data in the Rx FIFO. Number of half words (16 Bits).
0x0
R
P1 High Priority Rx FIFO Valid Half Words Register
Address: 0xBB, Reset: 0x00000000, Name: P1_HI_RXSIZE
Number of valid half words (16 bits) in the high priority Rx FIFO.
Table 110. Bit Descriptions for P1_HI_RXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P1_HI_RXSIZE
Data in the Rx FIFO. Number of half words (16 bits).
0x0
R
PHY CLAUSE 22 REGISTER DETAILS
Table 111. PHY Clause 22 Register Summary
Address
Name
Description
Reset
Access
0x0
MI_CONTROL
MII Control Register.
0x1100
R/W
0x1
MI_STATUS
MII Status Register.
0x1009
R
0x2
MI_PHY_ID1
PHY Identifier 1 Register.
0x0283
R
0x3
MI_PHY_ID2
PHY Identifier 2 Register.
0xBC91
R
0xD
MMD_ACCESS_CNTRL
MMD Access Control.
0x0000
R/W
0xE
MMD_ACCESS
MMD Access.
0x0000
R/W
MII Control Register
Address: 0x0, Reset: 0x1100, Name: MI_CONTROL
This address corresponds to the MII control register specified in Clause 22.2.4.1 of Standard 802.3.
Table 112. Bit Descriptions for MI_CONTROL
Bits
Bit Name
Description
Reset
Access
15
MI_SFT_RST
Software Reset. The software reset register allows a software reset cycle to be initiated. Mirrors
CRSM_SFT_RST.
0x0
R/W SC
14
MI_LOOPBACK
Local Loopback (PCS). The loopback register allows the PHY loopback mode to be engaged.
Mirrors LB_PCS_EN.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com