Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 41 of 104
Table 33. Clause 45 Register Groupings
Device Address
MMD Name
0x01
Physical medium attachment (PMA)/physical medium
dependent (PMD)
0x03
Physical coding sublayer (PCS)
0x07
Autonegotiation
0x1E
Vendor Specific 1
Clause 45 can access to up to 32 PHYs consisting of up to 32
MMDs through a single MDIO interface.
The default value of some of the registers are determined by the
value of the hardware configuration pins, which are read just after
the RESET pin is deasserted. In these cases, the reset value
in the register table is listed as pin dependent, which allows the
default operation of the ADIN1110 to be configured without having
to write to it over the SPI. This method is useful in unmanaged
applications where the desired operation of the PHY is configured
from the hardware configuration pins without any software interven-
tion. For unmanaged applications, do not configure the PHY to
enter software power-down mode after reset to ensure that the PHY
immediately attempts to bring up links as configured by the other
hardware configuration pins. In managed applications, software is
available to configure the PHY via the management interface. In
this case, it is possible to use the hardware configuration pins to
configure the PHY to enter software power-down mode after reset,
such that the PHY can be configured before linking is attempted.
Recommended Register Operation
Many of the PHY registers in the ADIN1110 are defined in the IEEE
Standard 802.3, and the exact behavior of these registers follows
the standard. This behavior may not always be obvious and is
described in this section, including the recommended operation and
use of the registers.
Latch Low Registers
The IEEE Standard 802.3-2018 requires certain MDIO accessi-
ble registers to exhibit latch low behavior. The idea is to allow
software that only intermittently reads these registers to detect
conditions that can be transitory or short lived. For example, the
AN_LINK_STATUS bit is required to latch low. When the device
exits from a reset or power-down state, the latching condition is
not active and the value of the AN_LINK_STATUS bit reflects the
current status of the link. However, if the link comes up and drops,
the latching condition is active. In this case, the AN_LINK_STATUS
bit reads as 0 even if the link has come back up again in the inter-
im. The latching condition is only cleared when the AN_LINK_STA-
TUS bit is read, ensuring the software has had the opportunity to
observe that the link dropped.
One implication of this latch low behavior is that, if software wishes
to determine the current status of the link, it must perform two reads
of the AN_LINK_STATUS bit back to back. The first read is needed
to clear any active latching condition.
Another implication is that it is important that software take ac-
count of the interaction between MDIO accessible bits that share
a register address. For example, the AN_PAGE_RX bits and
AN_LINK_STATUS bits reside at the same register address. As
a result, reading the AN_PAGE_RX bits clears any active latching
condition associated with the AN_LINK_STATUS bits.
IEEE Duplicated Registers
The IEEE Standard 802.3-2018 covers a very wide range of
standards and speeds, from 10 Mbps to 40 Gbps and higher,
and includes a very large number of clauses. There are registers
associated with many clauses, and different PHYs can include
different clauses and combinations of clauses. Therefore, registers
for common functions like software reset, software power-down,
loopback, and so on, tend to be implemented in multiple clauses.
In the ADIN1110, the physical implementation of these registers is
in a single location, but they can be accessed at multiple address-
es. For example, the software reset bit, can be read or written in
all the following IEEE MMD locations and vendor specific register
locations:
►
PMA_SFT_RST
►
B10L_PMA_SFT_RST
►
PCS_SFT_RST
►
B10L_PCS_SFT_RST
►
CRSM_SFT_RST
In this example, these are the PMA/PMD, PCS, autonegotiation,
and Vendor Specific MMD 1 device address locations (per Table
33).
Having multiple address locations for the same register makes
the use of the device more complex than necessary, particularly
in relation to registers that have latch low or self clear access
permissions. This is an unavoidable consequence of the IEEE
standard.
The ADIN1110 data sheet only calls out a single recommended
address location for each of these IEEE registers to simplify the
operation and use of the device. In general, the registers intro-
duced in the 802.3cg (10BASE-T1L) section of the standard are
recommended over older (equivalent) registers. Often, registers in
a vendor specific address are recommended, particularly where a
register brings a number of useful IEEE register bits into a single
register address. The ADIN1110 responds to register accesses to
all the IEEE register address locations covered by the 10BASE-T1L
standard when the start-up is complete after a power-on reset,
hardware reset, or software reset.
Read Modify Write Operation
All register write operations must be performed as read modify write
operations. If this process is not followed, the value of the register
bits can inadvertently change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com