Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 39 of 104
Statistics Counters
There are 15 32-bit counters on the receive port that increment on
each frame transmit and receive.
Table 32. Statistics Counters
Name
Description
P1_RX_FRM_CNT
Rx frame count
P1_RX_UCAST_CNT
Rx unicast frame count
P1_RX_MCAST_CNT
Rx multicast frame count
P1_RX_BCAST_CNT
Rx broadcast frame count
P1_RX_CRC_ERR_CNT
Rx CRC errored frame count
P1_RX_ALGN_ERR_CNT
Rx alignment error count
P1_RX_PHY_ERR_CNT
Rx PHY error count
P1_RX_LS_ERR_CNT
Rx long and short frame error count
P1_TX_FRM_CNT
Tx frame count
P1_TX_UCAST_CNT
Tx unicast frame count
P1_TX_MCAST_CNT
Tx multicast frame count
P1_TX_BCAST_CNT
Tx broadcast frame count
P1_RX_DROP_FULL_CNT
Rx frames dropped due to FIFO full
P1_RX_DROP_FILT_CNT
Rx frames dropped due to filtering
P1_RX_IFG_ERR_CNT
Rx frames received with interframe gap (IFG)
errors
Receive Drop FIFO Full Counter
Before the first byte of a received frame is written into the appropri-
ate receive FIFO, the space in the FIFO is checked. If there is
no space for at least 256 bytes, the frame is dropped and the
P1_RX_DROP_FULL_CNT counter increments. If there is space
for at least 256 bytes in the FIFO, the logic commences writing
the frame to the receive FIFO. If the received frame exceeds 256
bytes and the receive FIFO fills, the frame is dropped and the
P1_RX_DROP_FULL_CNT counter increments.
Frame Receive and Transmit Errors
By default, all received errored frames are dropped and counted.
Received errored frames do not generate interrupts. Instead, they
are dropped and counted, and the software must monitor the
statistics counters.
SRAM ECC Error
When writing a frame to the FIFO, the size of the frame is inserted
in a 16-bit word at the front of the frame and written to the FIFO. A
5-bit error correction code (ECC) is placed alongside the size field.
When this location is read from static random-access memory
(SRAM), the ECC is checked. If a double bit error is detected,
the RX_ECC_ERR or TX_ECC_ERR bits of the STATUS1 register
assert. If a double bit error is detected on reading a frame header
from the receive FIFO, the frame is not transmitted.
In response to an ECC error, a FIFO automatically clears. All
frames in the FIFO are lost, transmission stops, and a bad CRC
is appended to the frame that was transmitted. The next frame
received is written to a FIFO.
SPI ACCESS TO THE PHY REGISTERS
The ADIN1110 provides indirect access using the SPI to access the
PHY management registers. The 8 registers MDIOACCn in the SPI
register map are used to access the PHY management registers.
Each MDIOACCn register corresponds to an MDIO transaction.
The MDC default speed is 2.5 MHz. Either 2.5 MHz or 4.166
MHz MDC frequency can be selected via the MSPEED bits in the
CONFIG2 register.
The MDIO master polls in round robin mode the TRDONE bits of
the eight MDIOACCn registers. When the MDIO master detects that
one of the TRDONE fields is 0, an MDIO transaction is started
by the MDIO master. When the MDIO transaction completes, the
TRDONE bits are set to 1, and the master proceeds to check the
TRDONE bits of the next MDIOACCn register.
Note that MDIO_DEVAD is always written with the device ID of the
register being accessed, MDIO_PRTAD is always written to 0x1,
and MDIO_ST is written to 0x0 for Clause 45 access (this applies to
all of the following examples).
Example write to PHY Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of Regis-
ter XYZ, MDIO_DEVAD = the device ID of Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x0(ADDR), MDIO_ST =
0x0, and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DATA = the value to be written to
Register XYZ, MDIO_OP = 0x1(WR) and TRDONE = 0x0.
3. Optionally, poll MDIOACC0.TRDONE = 0x1 to determine that
the write address operation has completed.
4. Poll MDIOACC1.TRDONE = 0x1 to determine that the write
data operation has completed.
Example read of PHY Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of Register
XYZ, MDIO_OP = 0x0(ADDR), and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_OP = 0x3(RD) and TRDONE =
0x0.
3. Poll MDIOACC1. TRDONE= 0x1 to determine that the write da-
ta operation has completed. MDIOACC1. MDIO_DATA reflects
the content of MDIO Register XYZ.
Example write operation followed by a read to verify the write
operation:
1. Write MDIOACC0 with MDIO_DATA = the address of register
ABC and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DATA = the value to be written to
register ABC, MDIO_OP = 0x1(WR), and TRDONE = 0x0.
3. Write MDIOACC2 MDIO_OP = 0x3(RD) and TRDONE = 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com