Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADIN1110CCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
Data Sheet
ADIN1110
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 104
AVDD_H = AVDD_L = VDDIO = 3.3 V, DVDD_1P1 supplied from internal low dropout (LDO) regulator (DVDD_1P1 = DLDO_1P1), and all
specifications are at −40°C to +105°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Supply Voltage Range
AVDD_H
3.13
3.3
3.46
V
2.4 V p-p or 1.0 V p-p transmit Level
AVDD_L
1.71
1.8 or 3.3
3.46
V
AVDD_H, AVDD_L
1.71
1.8
3.46
V
1.0 V p-p transmit level
DVDD_1P1
1.0
1.1
1.2
V
VDDIO
1.71
1.8, 2.5, or
3.3
3.46
V
1.0 V p-p Transmit Level (Single Supply)
AVDD_H = AVDD_L = VDDIO = 1.8 V, DVDD_1P1 =
DLDO_1P1
AVDD_x Supply Current, IAVDD
28
mA
Power Consumption
50
mW
100% data throughput, full activity
1.0 V p-p Transmit Level (Dual Supply)
AVDD_H = AVDD_L = VDDIO = 1.8 V, DVDD_1P1 =
external 1.1 V
AVDD_x Supply Current, IAVDD
16
mA
DVDD_1P1 Supply Current, IDVDD
12
mA
Power Consumption
42
mW
100% data throughput, full activity
2.4 V p-p Transmit Level (Single Supply)
AVDD_H = AVDD_L = VDDIO = 3.3 V, DVDD_1P1 =
DLDO_1P1
AVDD_x Supply Current, IAVDD
36
mA
Power Consumption
119
mW
100% data throughput, full activity
2.4 V p-p Transmit Level (Dual Supply)
AVDD_H = 3.3 V, AVDD_L = VDDIO = 1.8 V, DVDD_1P1
= DLDO_1P1
AVDD_x Supply Current, IAVDD
16.5
mA
VDDIO Supply Current, IVDDIO
18
mA
Power Consumption
87
mW
100% data throughput, full activity
2.4 V p-p Transmit Level (Triple Supply)
AVDD_H = 3.3 V, AVDD_L = VDDIO = 1.8 V, DVDD_1P1
= external 1.1 V
AVDD_x Supply Current, IAVDD
16.5
mA
VDDIO Supply Current, IVDDIO
6
mA
DVDD_1P1 Supply Current, IDVDD
12
mA
Power Consumption
78
mW
100% data throughput, full activity
DIGITAL INPUTS/OUTPUTS
Applies to SPI pins, SWPD_EN, TX2P4_EN, TS_TIMER/
MS_SEL, TS_CAPT, INT, LINK_ST, RESET, and LED_x
VDDIO = 3.3 V
Input Low Voltage (VIL)
0.8
V
Input High Voltage (VIH)
2.0
V
Output Low Voltage (VOL)
0.4
V
Output low current (IOL) (minimum) = 2 mA
Output High Voltage (VOH)
2.4
V
Output high current (IOH) (minimum) = 2 mA
VDDIO = 2.5 V
VIL
0.7
V
VIH
1.7
V
VOL
0.4
V
IOL (minimum) = 2 mA
VOH
2.0
V
IOH (minimum) = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com