Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 28 of 104
The ADIN1110 register interface is via a 4-wire SPI consisting of the
following pins: SCLK, CS, SDI, and SDO/SPI_CFG0.
The possible access permissions of the registers are as follows:
►
R/W: read/write
►
R: read only
►
W: write only
►
R/W1C: read/write 1 to clear
The ADIN1110 also allows access to the PHY registers via an SPI
to MDIO master bridge. See the SPI Access to the PHY Registers
section.
The following registers have additional access permissions:
►
R LL: read only, latch low
►
R LH: read only, latch high
►
R/W SC: read/write, self clear
GENERIC SPI PROTOCOL
The generic SPI protocol is detailed in Table 18 to Table 25. The
protocol is determined by the hardware configuration pins. The
register map is organized as a 32-bit map, and all accesses are in
multiples of 32-bit words. Both single and burst access in multiples
of 32-bit words are supported. The MSB of the data is transmitted
first.
The R/W and TA fields are defined as follows:
►
R/W: read/write
►
0: read
►
1: write
►
TA: turn around
Burst writes and reads must be in multiples of 4 bytes. The last
word (4 bytes) written can contain between 1 byte and 4 bytes of
valid data. However, TX_FSIZE is still written with the original frame
size + 2 bytes for the frame header (see Figure 20). For example,
to transmit a 65-byte frame that is prepended with a 2-byte header,
67 is written to TX_FSIZE, but 68 bytes are transferred over SDI.
The last byte is not used.
It is possible to enable a CRC on the SPI protocol via a hardware
configuration pin on power-up. This 8-bit CRC uses the polynomial
x8 + x2 + x + 1 seeded with 0x0, and provides up to 3-bit error
detection. The 8-bit CRC is included for every control and data
transaction after the ADDR bits, and then after every 32-bit data
word for every control transaction. There is no 8-bit CRC after
each 32-bit data word in data transactions because Ethernet frames
include their own 32-bit CRC.
Table 18. Control Write Transaction
MSB
LSB
D47
D46
D45
D44 to D32
D31 to D24
D23 to D16
D15 to D8
D7 to D0
SDI
1
0
R/W
ADDR[12:0]
DATA[31:24]
DATA[23:16]
DATA[15:8]
DATA[7:0]
Table 19. Control Read Transaction
MSB
LSB
D55
D54
D53
D52 to D40
D39 to D32
D31 to D24
D23 to D16
D15 to D8
D7 to D0
SDI
1
0
R/W
ADDR[12:0]
TA[7:0]
0
0
0
0
SDO
DATA[31:24]
DATA[23:16]
DATA[15:8]
DATA[7:0]
Table 20. Burst Write Transaction (Control or Data)
MSB
LSB
D79
D78
D77
D76 to D64
D63 to D56
D55 to D48
D47 to D40
D39 to D32
D31 to D24
D23 to D16
D15 to D8
D7 to D0
SDI 1
0
R/W
ADDR[12:0]
DATA0[31:24] DATA0[23:16] DATA0[15:8] DATA0[7:0]
DATA1[31:24] DATA1[23:16] DATA1[15:8]
DATA1[7:0]
Table 21. Burst Read Transaction (Control or Data)
MSB
LSB
D87 D86 D85 D84 to D72 D71 to D64 D63 to D56 D55 to D48 D47 to D40 D39 to D32 D31 to D24 D23 to D16 D15 to D8
D7 to D0
SDI
1
0
R/W ADDR[12:0] TA[7:0]
0
0
0
0
0
0
0
0
SDO
DATA0
[31:24]
DATA0
[23:16]
DATA 0
[15:8]
DATA0
[7:0]
DATA1
[31:24]
DATA1
[23:16]
DATA1
[15:8]
DATA1
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com