Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 104
Typical Use
The LED_0 and LED_1 pins can be used to connect external
LEDs to indicate the ADIN1110 link status and transmit or receive
activity. The activity assigned to each LED is configurable through
LED_CNTRL (see the LED Control Register section).
The LED pins are suitable for ultra low power LEDs. The maximum
output current for the LED_0 and LED_1 pins is 8 mA with a VDDIO
= 3.3 V. For higher LED power requirements, the use of an external
transistor is recommended.
The LED_x pins can also be connected to a host microcontroller
general-purpose input/output (GPIO) (configured as a pulse-width
modulated input or hardware interrupt). This configuration can be
useful in applications where the user interface needs to be fully
handled by an external host controller (for example, an external
LED module or display). Note that in this context, it is recommend-
ed to place a low value resistance in series between the ADIN1110
LED_x pins and the controller to avoid any potential transient surge
current.
LED Pin Multiplexing
An internal multiplexer needs to be configured to enable the LED_1
signal on the LED_1 pin. LED_1 is disabled by default and can
be enabled using the DIGIO_LED1_PINMUX bits (see the Pin Mux
Configuration 1 Register section).
The LED_0 pin does not need multiplexing.
LED Polarity
The LED_0 and LED_1 pins can be configured to support various
LED circuit polarities through the LED polarity mode feature (see
the LED Polarity Register section). Three polarity modes are availa-
ble for each LED, as follows:
►
Autosense (default)
►
Active high
►
Active low
In autosense mode, the ADIN1110 automatically senses the pin at
power-up or reset to select the appropriate polarity configuration. In
active high mode, the ADIN1110 is configured to drive the LED from
the anode side. In active low mode, the ADIN1110 is configured to
drive the LED from the cathode side.
Example circuits are described in the LED Circuit Examples sec-
tion.
LED Mode
LED_0 and LED_1 activity behavior can be configured using the
two LED modes, as follows:
►
LED Mode 1: blink duty cycle defined using the
LED0_BLINK_TIME_CNTRL register (see the LED_0 On/Off
Blink Time Register section) and LED1_BLINK_TIME_CNTRL
register (see the LED 1 On/Off Blink Time Register section),
respectively
►
LED Mode 2: blink duty cycle automatically defined by the
ADIN1110 based on activity level (%)
LINK STATUS PIN
The LINK_ST pin is asserted high when the link status bit
(AN_LINK_STATUS) is asserted and indicates that the link between
the ADIN1110 and its link partner is active.
By default, the LINK_ST signal is active high and can be con-
figured to be either active high or active low using the DIG-
IO_LINK_ST_POLARITY bit (see the Pin Mux Configuration 1
Register section).
POWER-DOWN MODES
The ADIN1110 supports two power-down modes, as follows:
►
Hardware power-down
►
Software power-down
The lowest power mode is hardware power-down mode in which
the device is turned off and the registers are not accessible.
Hardware Power-Down Mode
Hardware power-down mode can be used when no operation is
required on the ADIN1110 and the power consumption needs to
be minimized. The ADIN1110 enters hardware power-down mode
when the RESET pin is asserted and held low. In this mode, all
analog and digital circuits are disabled, the clocks are gated off, all
the I/O pins are held in tristate mode, and the only power is the
leakage power of the circuits. The management registers are not
accessible in this mode.
Software Power-Down Mode
Software power-down mode can be used to configure the
ADIN1110 registers before bringing a link up. The ADIN1110 can
be configured to enter software power-down mode after reset using
the SWPD_EN pin. The ADIN1110 can also be instructed to enter
software power-down mode by setting the software power-down bit
(CRSM_SFT_PD).
The software power-down status bit (CRSM_SFT_PD_RDY) indi-
cates that the device is in the software power-down state. In
software powerdown mode, the analog and digital circuits are in
a low power state, and the PLL is active and can provide output
clocks if configured to do so. Any signal or energy on the MDI pins
is ignored and no link is brought up. The management interface
registers are accessible, and the device can be configured using
software. The ADIN1110 exits software power-down mode when the
CRSM_SFT_PD bit is cleared. At this point, the MAC-PHY starts
autonegotiation and attempts to bring up a link after autonegotiation
completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com