Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 104
The ADIN1110 is a low power, single port 10 Mb/s Ethernet MAC-
PHY device, compliant with the IEEE 802.3cg Ethernet standard for
long reach, 10 Mbps single pair Ethernet.
The ADIN1110 integrates the following features:
►
10BASE-T1L Ethernet PHY core and MAC with all the associat-
ed common analog circuitry
►
Input and output clock buffering
►
SPI and subsystem registers
►
Control logic to manage the reset and clock
►
Hardware configuration pins
►
Two configurable LED pins
POWER SUPPLY DOMAINS
The ADIN1110 has four power supply domains and requires a
minimum of one supply rail, as follows:
►
AVDD_H is the analog power supply input for the analog front
end (AFE) circuitry in the ADIN1110.
►
AVDD_L is the analog supply voltage for the internal LDO
circuits. AVDD_L can be connected to the AVDD_H rail when
in single supply mode, or to an alternative lower voltage rail
when the device is configured with dual supplies for lower power
consumption.
►
DVDD_1P1 is the 1.1 V digital core power supply input.
DVDD_1P1 can operate from an internal 1.1 V LDO output com-
ing from the DLDO_1P1 pin to the DVDD_1P1 pin. Alternatively,
DVDD_1P1 can be driven from an external 1.1 V supply for
greater power efficiency.
►
VDDIO enables the SPI voltage supply to be configured inde-
pendently of the other circuitry on the ADIN1110. VDDIO can be
connected directly to the AVDD_L rail.
In a single supply application, connect AVDD_H = AVDD_L =
VDDIO and use the internal 1.1 V LDO circuit for DVDD_1P1. The
appropriate supply voltage used depends on the end application
and cable length. For long reach/trunk applications, the higher
transmit amplitude of 2.4 V p-p requires AVDD_H = 3.3 V, whereas
spur applications can use a lower transmit amplitude of 1.0 V p-p
with an AVDD_H = 1.8 V.
MAC
The MAC included in the ADIN1110 supports 16 different MAC
addresses. The MAC also has one low priority receive first in, first
out (FIFO), one high priority receive FIFO and one transmit FIFO.
These FIFOs can ship data in store and forward mode when using
the generic SPI protocol, and in either store and forward or cut
through mode when using the OPEN Alliance protocol.
A generic version and OPEN Alliance version of the SPI protocol
are available. The data is transferred over the SPI half duplex using
the generic SPI protocol and full duplex using the OPEN Alliance
SPI protocol. See the MAC SPI section.
Interrupt (INT)
The ADIN1110 is capable of generating an interrupt to a host pro-
cessor using the INT pin in response to a variety of user selectable
conditions. The following conditions can be selected to generate an
interrupt:
►
Link status change
►
Port 1 receive FIFO receive data available
►
Frame transmit complete or transmit space available
►
Time stamp captured
►
Operation error detected
►
PHY related interrupts
When an interrupt occurs, the system can poll the MAC status
registers (STATUS0 and STATUS1) to determine the origin of the
interrupt.
AUTONEGOTIATION
The ADIN1110 uses the autonegotiation capability in accordance
with IEEE 802.3 Clause 98, providing a mechanism for exchanging
information between PHYs to allow link partners to agree to a
common mode of operation. During the autonegotiation process,
the PHY advertises its own capabilities and compares to those
received from the link partner. The concluded operating mode is
the transmit amplitude mode and master/slave preference common
across the two devices.
If a link is dropped, the autonegotiation process restarts automati-
cally. An autonegotiation restart can also be requested by writing
to the autonegotiation restart bit (AN_RESTART) in the autonego-
tiation control register.
The autonegotiation process takes some time to complete, depend-
ing on the number of pages exchanged, but is always the fastest
way to bring up a link. Clause 98 of the IEEE 802.3 standard details
the timers related to autonegotiation.
Note that autonegotiation is enabled by default for the ADIN1110,
and it is strongly recommended that autonegotiation is always
enabled.
Transmit Amplitude Resolution
Autonegotiation is used to resolve the transmit amplitude resolution.
The PHY can be configured to support both 1.0 V p-p and 2.4 V
p-p transmit levels or to operate with 1.0 V p-p transmit level only
through the hardware configuration (see Table 13). This configura-
tion can also be done in software using the 10BASE-T1L high level
transmit operating mode ability (AN_ADV_B10L_TX_LVL_HI_ABL)
and 10BASE-T1L high level transmit operating mode request
(AN_ADV_B10L_TX_LVL_HI_REQ) register bits.
To operate at 2.4 V p-p transmit level, both the local and remote
PHYs must advertise that they are capable of operating at 2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com