Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
Data Sheet
ADIN1110
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 104
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDDIO to GND
−0.3 V to +4 V
DVDD_1P1, DLDO_1P1 to GND
−0.3 V to +1.35 V
AVDD_H, AVDD_L to GND
−0.3 V to +4 V
SPI1, INT to GND
−0.3 V to VDDIO + 0.3 V
TXN, TXP, RXN, RXP to GND
−0.3 V to AVDD + 0.3 V
LED_x, RESET, LINK_ST to GND
−0.3 V to VDDIO + 0.3 V
XTAL_I/CLK_IN to GND
−0.3 V to 2.75 V
XTAL_O, CLK25_REF to GND
−0.3 V to 1.35 V
Operating Temperature Range (TA)
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ maximum)
125°C
Power Dissipation
(TJ maximum − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
1 See the Pin Configuration and Function Descriptions section for a full list of SPI
pins.
Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
THERMAL RESISTANCE
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
Table 6. Thermal Resistance
Package Type
θJA1
Unit
CP-40-292
45
°C/W
1 θJA is specified for the worst-case conditions, that is, a device soldered in a
circuit board for surface-mount packages.
2 Test Condition 1: thermal impedance simulated values are based on a JE-
DEC 2S2P thermal test board with thermal vias. See JEDEC JESD51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADIN1110
Table 7. ADIN1110, 40-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
TXN, TXP, RXN, RXP Pins
8000
3B
All Other Pins
2000
2
FICDM
1250
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com