Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 55 of 104
Table 62. Bit Descriptions for FIFO_SIZE
Bits
Bit Name
Description
Reset
Access
[31:12]
RESERVED
Reserved.
0x0
R
[11:8]
P1_RX_HI_SIZE
Port 1 Rx High Priority FIFO Size.
0x4
R/W
0000: 0 kB.
0001: 2 kB.
0010: 4 kB.
0011: 6 kB.
0100: 8 kB.
0101: 10 kB.
0110: 12 kB.
0111: 14 kB.
1000: 16 kB.
[7:4]
P1_RX_LO_SIZE
Port 1 Rx Low Priority FIFO Size.
0x6
R/W
0000: 0 kB.
0001: 2 kB.
0010: 4 kB.
0011: 6 kB.
0100: 8 kB.
0101: 10 kB.
0110: 12 kB.
0111: 14 kB.
1000: 16 kB.
[3:0]
HTX_SIZE
Host Transmit FIFO Size.
0x4
R/W
0000: 0 kB.
0001: 2 kB.
0010: 4 kB.
0011: 6 kB.
0100: 8 kB.
0101: 10 kB.
0110: 12 kB.
0111: 14 kB.
1000: 16 kB.
Tx FIFO Frame Count Register
Address: 0x3F, Reset: 0x00000000, Name: TFC
For debug only. Number of frames in the transmit FIFO.
Table 63. Bit Descriptions for TFC
Bits
Bit Name
Description
Reset
Access
[31:9]
RESERVED
Reserved.
0x0
R
[8:0]
TFC
Number of Frames in the Tx FIFO.
0x0
R
Tx FIFO Valid Half Words Register
Address: 0x40, Reset: 0x00000000, Name: TXSIZE
Number of Valid Half Words (16 Bit) in the Host Tx FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com