Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 31 of 104
Table 26. Frame Header
D15 to D11
D10
D9 to D8
D7 to D6
D5 to D4
D3
D2
D1 to D0
Reserved
Priority
Reserved
EGRESS_CAPTURE
Reserved
TIME_STAMP_PARITY
TIME_STAMP_PRESENT
Reserved
See the following definitions:
►
Priority: indicates which priority queue the frame was received
from. Not used on transmit. Set 0 in transmitted frames.
►
EGRESS_CAPTURE: capture an egress time stamp into the
host readable egress time registers, as follows:
►
00: no action.
►
01: capture in the pair of TTSCAL and TTSCAH registers. The
TTSCAA bits in the STATUS0 register assert when captured.
►
10: capture in the pair of TTSCBL and TTSCBH registers. The
TTSCAB bits in the STATUS0 register assert when captured.
►
11: capture in the pair of TTSCCL and TTSCCH registers. The
TTSCAC bits in the STATUS0 register assert when captured.
►
TIME_STAMP_PARITY: odd parity for the appended time stamp.
Not used on transmit. Set to 0 in transmitted frames.
►
TIME_STAMP_PRESENT: on receive, the first 4 bytes or 8 bytes
of data contain the time stamp for the frame. Not used on
transmit. Set to 0 in transmitted frames.
►
Reserved: always set to 0.
Receive Frame over SPI
The following procedure must be followed to receive an Ethernet
frame when using the generic SPI protocol in store and forward
mode:
1. The device defaults to operating in store and forward mode.
2. Set the P1_RX_RDY_MASK bit to 0 to enable an interrupt
when a full frame is received.
3. If the P1_RX_RDY bit is asserted, read the MAC receive frame
size register to determine the size of the received frame.
4. Read the frame via the MAC receive register. It is possible to
burst read the entire frame or split it up into multiple smaller
burst reads. The first byte of the received frame is returned
in P1_RX, Bits[31:24]. The burst read transaction must be a
multiple of 4 bytes. Some of the last 4 bytes are padded with 0s
if the frame is not a multiple of 4 bytes in size.
5. Read P1_RX_RDY again. If the value of the bit is 1, another
frame is available to read. Repeat from Step 3.
Cut Through
The generic SPI protocol supports cut through mode for transmit
operations.
Before transmitting any frames, write 1 to the transmit cut through
enable bits.
The threshold at which the frame transmit starts can be modified via
the host transmit start threshold (see the Transmit Threshold Regis-
ter section). This register has a default value of 1. Therefore, by
default, transmit starts immediately on writing to the host transmit
FIFO.
To ensure that the frame transmission does not under run, the host
transmit FIFO has to be written at a rate greater than 10 Mbps. If
the frame under runs, the host transmit under run error bit asserts.
Generic SPI Errors
Generic SPI CRC Error
If an SPI CRC error occurs on a write to a register, the register is
not written.
If the write is to the transmit register, the transmit FIFO is missing
data and must be cleared by the host. Similarly, a read of the
receive register has missing data in the receive frame, and the
FIFO must be cleared.
If the errored transaction was a write to a configuration register,
the SPI host must issue the write again. If the software does not
know which configuration, the MAC must be reset by writing the
RST_MAC_ONLY keys to the SOFT_RST register.
Generic SPI Transmit Protocol Error (TXPE)
TXPE asserts when the TX_FSIZE register is written, but the MAC
still expects further writes to the transmit register related to the
previous frame size written to the TX_FSIZE register. This error
does not occur in normal operation and indicates an issue with
the software driver, for example, two consecutive writes to the
TX_FSIZE register without any writes to the transmit register.
In response to the assertion of TXPE, the host must clear the
transmit FIFO.
OPEN ALLIANCE SPI PROTOCOL
The OPEN Alliance SPI protocol Version 1.0 can transfer data over
the SPI using full duplex operation, achieving 10 Mbps bidirectional
frame transfer with an SPI clock frequency in the region of 12 MHz
to 16 MHz or greater.
The ADIN1110 supports the following OPEN Alliance SPI capabil-
ities (see the Supported Capabilities Register section for more
details):
►
Transmit FCS validation
►
Cut through
►
IEEE 1588 time stamp capture on transmit and receive
►
Minimum supported chunk size is 8 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com