Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 76 of 104
Table 130. Bit Descriptions for B10L_PMA_STAT
Bits
Bit Name
Description
Reset
Access
[9:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L Test Mode Control Register
Device Address: 0x01; Register Address: 0x08F8, Reset: 0x0000, Name: B10L_TEST_MODE_CNTRL
This address corresponds to the 10BASE-T1L PMA test mode control register specified in Clause 45.2.1.186c of Standard 802.3cg. The default
value of this register selects normal operation without management intervention as the initial state of the device.
Table 131. Bit Descriptions for B10L_TEST_MODE_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:13]
B10L_TX_TEST_MODE
10BASE-T1L Transmitter Test Mode.
0x0
R/W
000: normal operation.
001: Test Mode 1—transmitter output voltage and timing jitter test mode. When Test Mode 1
is enabled, the PHY repeatedly transmits the data symbol sequence (+1, −1).
010: Test Mode 2—transmitter output droop test mode. When Test Mode 2 is enabled, the
PHY transmits ten +1 symbols followed by ten −1 symbols.
011: Test Mode 3—normal operation in idle mode. When Test Mode 3 is enabled, the PHY
transmits as in nontest operation and in the master data mode with data set to normal
interframe idle signals.
[12:0]
RESERVED
Reserved.
0x0
R
Frequency Offset Saturation Threshold for CR Stability Check Register
Device Address: 0x01; Register Address: 0x8015, Reset: 0x0008, Name: CR_STBL_CHK_FOFFS_SAT_THR
Table 132. Bit Descriptions for CR_STBL_CHK_FOFFS_SAT_THR
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
[10:0]
CR_STBL_CHK_FOFFS_SAT_THR
Frequency Offset Saturation Threshold for Clock Recovery (CR) Stability
Check.
0x8
R/W
Slave IIR Filter Change Echo Acquisition Clock Recovery Proportional Gain Register
Device Address: 0x01; Register Address: 0x81E7, Reset: 0x0400, Name: SLV_FLTR_ECHO_ACQ_CR_KP
Table 133. Bit Descriptions for SLV_FLTR_ECHO_ACQ_CR_KP
Bits
Bit Name
Description
Reset
Access
[15:0]
SLV_FLTR_ECHO_ACQ_CR_KP
Slave Infinite Impulse Response (IIR) Filter Change Echo Acquisition Clock
Recovery Proportional Gain.
0x400
R/W
10BASE-T1L PMA Link Status Register
Device Address: 0x01; Register Address: 0x8302, Reset: 0x0000, Name: B10L_PMA_LINK_STAT
This address can be read to determine the 10BASE-T1L PMA link status. Reading B10L_PMA_LINK_STAT clears the latching condition of
these bits.
Table 134. Bit Descriptions for B10L_PMA_LINK_STAT
Bits
Bit Name
Description
Reset
Access
[15:10]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com