Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 48 of 104
Table 41. Bit Descriptions for STATUS0
Bits
Bit Name
Description
Reset
Access
7
PHYINT
PHY Interrupt for Port 1. Host software must read the MDIO Interrupt Status registers (PhySubsysIrqStatus
or CrsmIrqStatus) to determine the source of the interrupt. On exiting power-on reset or pin reset, this bit
asserts, but this field is masked from asserting an interrupt by default.
0x0
R
6
RESETC
Reset Complete. This bit is set when the MAC-PHY reset is complete and ready for configuration. When set, it
generates a non-maskable interrupt assertion on IRQn to alert the SPI host. Additionally, setting the RESETC
bit also sets EXST = 1 in the first Rx footer, or until this bit is cleared by action of the SPI host writing a 1.
0x1
R/W1C
5
HDRE
Header Error. When set, this bit indicates that the MAC-PHY has detected an invalid header received from the
SPI host. The invalid header is due to a parity check error. This field is only used with the OPEN Alliance SPI
protocol.
0x0
R/W1C
4
LOFE
Loss of Frame Error. When set, this bit indicates that the MAC-PHY has detected an early deassertion of CS
before the expected end of a data chunk or command control transaction. Note that this bit also asserts if
CDPE asserts.
0x0
R/W1C
3
RXBOE
Receive Buffer Overflow Error. When set, this bit indicates that the receive buffer (from the network) has
overflowed and receive frame data was lost.
0x0
R/W1C
2
TXBUE
Host Tx FIFO Under Run Error. This error can only assert when cut through from the host is enabled. The
host software must ensure this bit never asserts by writing frame data to the MAC at a rate greater than 10
Mbps.If an under run error occurs, transmit of the current packet stops.
0x0
R/W1C
1
TXBOE
Host Tx FIFO Overflow. The host software must ensure this bit never asserts by checking the space available
in the Tx FIFO before writing to the Tx FIFO. If using the OPEN Alliance SPI Data protocol, the space in
the Tx FIFO is indicated in the TXC field of the Rx footer. If using the Generic SPI protocol, the TX_SPACE
register indicates the remaining space in the Tx FIFO. If the host Tx FIFO overflows, the frame being written is
dumped and software may chose to resend the entire frame. Writes to the FIFO commence at the next SOF.
There is always room for more than one frame in the Host Tx FIFO as it is 4 kB (or greater) in size. Therefore,
a frame currently transmitting is interrupted by an overflow on the write side of the FIFO.
0x0
R/W1C
0
TXPE
Transmit Protocol Error. When set, this bit indicates that a Tx data chunk protocol error occurred. Data chunk
received with DV = 1 but without a prior SV = 1. Data chunk received with SV = 1 but with no EV = 1
(repeated SV = 1 received). When using the generic SPI protocol, this bit indicates that the previous frame
was not fully written. A write of the TX_FSIZE register was detected, but the MAC still expects further writes to
the Tx register related to the previous frame size written to the TX_FSIZE register.
0x0
R/W1C
Status Register 1
Address: 0x09, Reset: 0x00000000, Name: STATUS1
Table 42. Bit Descriptions for STATUS1
Bits
Bit Name
Description
Reset
Access
[31:13]
RESERVED
Reserved.
0x0
R/W1C
12
TX_ECC_ERR
ECC Error on Reading the Frame Size from a Tx FIFO. An uncorrectable ECC error was detected
on a read of the size field from the Tx FIFO. The FIFO is automatically cleared and the frame
associated with the ECC error and any other frames in the Tx FIFO are lost or dropped.
0x0
R/W1C
11
RX_ECC_ERR
ECC Error on Reading the Frame Size from an Rx FIFO. An uncorrectable ECC error was detected
on a reading the frame size field from an Rx FIFO. The FIFO is automatically cleared and the frame
associated with the ECC error and other frames in the Rx FIFO are not lost or dropped.
0x0
R/W1C
10
SPI_ERR
Detected an Error on an SPI Transaction. When using the generic SPI protocol, this field indicates
that a CRC error was detected. This field is not used with the OPEN Alliance Protocol. See HDRE
and CDPE in the Status Register 0 section for OPEN Alliance SPI errors.
0x0
R/W1C
9
RESERVED
Reserved.
0x0
R/W1C
8
P1_RX_IFG_ERR
Rx MAC Interframe Gap Error. If the IFG is too short, the frame is dropped on receive. The threshold
used for measuring the IFG on receive can be set in the P1_RX_IFG register.
0x0
R/W1C
[7:6]
RESERVED
Reserved.
0x0
R
5
P1_RX_RDY_HI
Port1 Rx Ready High Priority. Indicates that there is a high priority frame available. This field does
not drive the interrupt pin. This field is only used with the generic SPI protocol on LES.
0x0
R
4
P1_RX_RDY
Port 1 Rx FIFO Contains Data. In store and forward mode, this field indicates that there are 1 or
more frames in Port 1 Rx FIFO. In cut through mode, this field indicates that the receive threshold
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com