Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
Data Sheet
ADIN1110
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 104
The value of the free running counter can be captured using the
input capture signal (TS_CAPT), capturing the value of the counter
in the TS_FREECNT_CAPT register.
Syntonized Counter
The syntonized counter is a 64-bit counter in which the lower 32
bits represent nanoseconds with 1 LSB = 1 ns. When the lower 32
bits reach the value stored in TS_1SEC_CMP, these bits clear and
the upper 32 bits increment representing seconds.
To enable the syntonized counter, the TS_EN bits must be set to 1.
Three modes are supported for capturing time stamps for transmit-
ted and received frames, as follows:
1. Capture a 2-bit sec and a 30-bit ns time stamp as defined in the
OPEN Alliance Specification Section 7.8. See the Configuration
Register 0 section.
2. Capture a 32-bit sec and a 30-bit ns time stamp as defined in
the OPEN Alliance Specification Section 7.8. See the Configu-
ration Register 0 section.
3. Capture the 32-bit free running counter. See the Timer Configu-
ration Register section.
To enable capturing of time stamps for transmitted and received
frames, set FTSE (CONFIG0 register) to 1.
Waveform Generation on TS_TIMER Output
The ADIN1110 can generate an output signal (TS_TIMER) that
uses two counters to generate repeating waveforms driven by the
syntonized time. These two counters, TS_TIMER_HI and TS_TIM-
ER_LO, specify the high and low period of the TS_TIMER signal
and need to be programmed with multiples of 16 because they are
driven by the syntonized time.
Because it is frequent that the required period of TS_TIMER cannot
be programmed as a multiple of 16, the quantization error correc-
tion register can be programmed with a value between 0 and 15 to
compensate for the TS_TIMER quantization error.
It is possible to specify a time with respect to the 64-bit synton-
ized timer to start the generation of the TS_TIMER output. The
TS_TIMER_START register can be programmed with a value that is
compared with the nanoseconds portion of the syntonized counter
to generate a one-shot start.
The sequence to enable the TS_TIMER output is as follows:
1. If required, change the default value of the TS_TIMER output
from 0 to 1 by writing to the TS_TIMER_DEF bits.
2. Write the values required for the high and low times for the
TS_TIMER output to the TS_TIMER_HI and TS_TIMER_LO
registers.
3. Write the value required for the quantization error correction to
the TS_TIMER_QE_CORR register.
4. Write a start time to the TS_TIMER_START registers. When the
nanoseconds part of the syntonized counter matches this value,
TS_TIMER starts toggling.
The TS_TIMER output can be stopped by writing 1 to the TS_TIM-
ER_STOP bits. When the TS_TIMER output is stopped, the output
goes back to the default value specified in TS_TIMER_DEF.
ELECTROMAGNETIC COMPATIBILITY (EMC)
AND ELECTROMAGNETIC IMMUNITY (EMI)
The ADIN1110 was tested at the system level for EMC and EMI.
Table 17 summarizes the results.
Table 17. EMC/EMI Tests Conducted on ADIN1110 at System Level
EMC/EMI Test
Withstand Threshold
IEC 61000-4-4 Electrical Fast Transient (EFT)
±4 kV
IEC 61000-4-2 ESD (Contact Discharge)
±4 kV
IEC 61000-4-2 ESD (Air Discharge)
±8 kV
IEC 61000-4-5 Surge
±4 kV
IEC 61000-4-6 Conducted Immunity
10 V/m
IEC 61000-4-3 Radiated Immunity
Class A
EN 55032 Radiated Emissions
Class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com