Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 71 of 104
Table 118. PHY Clause 45 Register Summary
Device Address
Register Address
Name
Description
Reset
Access
0x1F
0x8028
FG_NFRM_L
Frame Generator Number of Frames Low
Register.
0x0100
R/W
0x1F
0x8029
FG_DONE
Frame Generator Done Register.
0x0000
R
0x1F
0x8055
MAC_IF_LOOPBACK
MAC Interface Loopbacks Configuration
Register.
0x000A
R/W
0x1F
0x805A
MAC_IF_SOP_CNTRL
MAC Start Of Packet (SOP) Generation Control
Register.
0x001B
R/W
PMA/PMD Control 1 Register
Device Address: 0x01; Register Address: 0x0000, Reset: 0x0000, Name: PMA_PMD_CNTRL1
This address corresponds to the PMA/PMD Control Register 1 specified in Clause 45.2.1.1 of Standard 802.3. Note that the reset value of this
register is dependent on the hardware configuration pin settings.
Table 119. Bit Descriptions for PMA_PMD_CNTRL1
Bits
Bit Name
Description
Reset
Access
15
PMA_SFT_RST
PMA Software Reset. The PMA software reset bit allows the chip to be reset. When this bit is set,
the chip fully initializes, almost equivalent to a hardware reset. This bit is self clearing and returns a
value of 1 when a reset is in progress. Otherwise, it returns a value of 0.
0x0
R/W SC
[14:12]
RESERVED
Reserved.
0x0
R
11
PMA_SFT_PD
PMA Software Power-Down. The PMA software power-down register puts the chip in a lower power
mode. In this mode, most of the circuitry is switched off. However, MDIO access to all registers is
still possible. The default value for this register is configurable via the SWPD_EN pin, which allows
the chip to be held in power-down mode until an appropriate software initialization is performed.
0x0
R/W
[10:1]
RESERVED
Reserved.
0x0
R
0
LB_PMA_LOC_EN
Enables PMA Local Loopback. When this bit is set to 1, the PMA accepts data on the transmit path
and returns it on the receive path. When this bit is set to 0, the PMA works in normal mode.
0x0
R/W
PMA/PMD Status 1 Register
Device Address: 0x01; Register Address: 0x0001, Reset: 0x0002, Name: PMA_PMD_STAT1
This address corresponds to the PMA/PMD Status Register 1 specified in Clause 45.2.1.2 of Standard 802.3.
Table 120. Bit Descriptions for PMA_PMD_STAT1
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
2
PMA_LINK_STAT_OK_LL
PMA Link Status. When read as 1, this bit indicates that the link is up. When read as 0, it
indicates that the link has dropped since the last time the bit was read.
0x0
R LL
1
PMA_SFT_PD_ABLE
PMA Software Power-Down Able. Indicates that the PMA supports software power-down.
0x1
R
0
RESERVED
Reserved.
0x0
R
PMA/PMD MMD Devices in Package 1 Register
Device Address: 0x01; Register Address: 0x0005, Reset: 0x008B, Name: PMA_PMD_DEVS_IN_PKG1
Table 121. Bit Descriptions for PMA_PMD_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
PMA_PMD_DEVS_IN_PKG1
PMA/PMD MMD Devices in Package. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com