Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 104
V, and at least one PHY must request 2.4 V p-p transmit level
operation.
If it is required to only operate the PHY at 1.0 V p-p transmit
level operation, AN_ADV_B10L_TX_LVL_HI_ABL must be 0 so
that 2.4 V p-p transmit level operation is not advertised. In this
case, autonegotiation can only resolve to 1.0 V p-p transmit level
operation, irrespective of what setting the remote PHY advertises.
Master/Slave Resolution
Autonegotiation is also used to resolve master or slave status. The
PHY can be configured to prefer slave or prefer master through
the hardware configuration (see Table 12). If autonegotiation is
disabled, the MS_SEL hardware configuration pin sets the default
master/slave selection. Note that the recommended use of the
ADIN1110 is with autonegotiation enabled.
During autonegotiation, when prefer slave is selected, and the
remote end is prefer or forced master, the local PHY is set to slave
(and remote to master). When the remote end is prefer or forced
slave, the local PHY is set to master (and remote to slave).
MDI INTERFACE
The media dependent interface (MDI) connects the ADIN1110 to
the Ethernet network via a twisted wire pair.
The ADIN1110 requires an external hybrid between the TXN/TXP
and RXN/RXP pins and the twisted wire pair. This external hybrid
allows the system to have full duplex communication by removing
the local transmit signal from the combined signal on the cable,
leaving the desired receive signal.
The ADIN1110 hybrid requires a specific topology and values for
proper operation. Figure 10 shows the topology and values for
the components. Consider the size, power, and voltage rating of
these components in the context of other system requirements, for
example, requirements of intrinsic safety.
Figure 10. Recommended Hybrid for the ADIN1110
RESET OPERATION
The ADIN1110 supports the following chip resets:
►
Power-on reset
►
Hardware reset
►
Software reset
►
MAC subsystem reset
►
PHY subsystem reset
All of these resets put the ADIN1110, including the PHY core and
MAC, into a known state. Whenever the MAC is reset, the SDO pin
is pulled down and the TS_TIMER pin is driven to a low state.
Power-On Reset
The ADIN1110 includes power monitoring circuitry to monitor all of
the supplies. During power-up, the ADIN1110 is held in hardware
reset until each of the supplies has crossed its minimum rising
threshold value and the power is considered good.
The POR module includes brownout protection by monitoring the
supplies to detect if one or more of the supplies falls below a
minimum falling threshold value. If brownout detection occurs, the
device is held in hardware reset until the power is good.
Hardware Reset
A hardware reset is initiated by the power-on reset circuitry or
by asserting the RESET pin low. Bring the RESET pin low for a
minimum of 10 µs. Deglitch circuitry is included on this pin to reject
pulses shorter than 0.3 μs.
When the RESET pin is deasserted, all the input/output (I/O) pins
are held in tristate mode, the hardware configuration pins are latch-
ed, and the I/O pins are configured for their functional mode. When
all the external and internal supplies are valid and stable, the crystal
oscillator circuit is enabled. After the crystal starts up and stabilizes,
the phase-locked loop PLL is enabled. After approximately 50 ms
(maximum) from the deassertion of the RESET pin, all the internal
clocks are valid, internal logic is released from reset, and all the
management interface registers are accessible so that the device
can be programmed.
Software Reset
A full chip software reset can be initiated by writing 1 to the
SWRESET field of the RESET register.
If a transmission is taking place when the SPI software reset is initi-
ated, the frame transmission stops abruptly and a runt or a frame
with a bad cyclic redundancy check (CRC) may be transmitted.
Once the MAC-PHY is reset, the ADIN1110 is ready to bring up
links.
When this software reset is initiated, a full initialization of the chip,
almost equivalent to a hardware reset, is done. The I/O pins are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com