Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 11Page - NXP Semiconductors TC80310 Datasheet HTML 12Page - NXP Semiconductors TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors TC80310 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
NXP Semiconductors
15
80310
5.6.6
Re-regulation
The excitation is forced to 100%. This mode is active if there is no high phase on non active phase (PHx < VPH) in the previous cycle, until
the high phase comes back. At the end of the 8th cycle, if there is still no high phase, the regulation mode is set off and the device goes
back to the regulation mode with or without LRC. B+A is lower than VREG. In any case, DC cannot be lower than DCMIN.
.
Figure 10. Self-start state machine
This state machine runs only if self-start option has been programmed.
5.6.7
Standby
The 80310 is in Standby mode if there is a LIN timeout, and in absence of alternator rotation (no phase), if power and reset (POR), or
with a LIN MID3C command, if nvm_lin_special is set.
• There is no excitation
• The duty cycle (DC) is equal to zero
The device needs a small amount of quiescent current to feed some functions such as oscillator. LIN timeout means:
• No activity on the LIN bus during a specified time
• or on a LIN watchdog timeout during a specified time
Ph ase < LR C
R EGUL ATION w LRC
PR E-EXC
No High Ph ase1 in th e
pr ev io us cycle an d P hase
Regu lation is ON
Ph ase
REG ULAT ION
(High Phase1 appears) o r
(1 00% DC du rin g 8 cycles = > Phase
Regu lation set OF F)
REG ULAT ION w /o LRC
No Hig h Ph ase1 in th e
pr eviou s cycle an d Ph ase
Regu lation is ON
Phase
REGU LATION
(High P hase1 ap pear s) or
(10 0% DC d uring 8 cycles =>
Phase Regulation set OFF)
P hase > Start
P hase < Sto p
Phase > LRC
an d first Vreg reached
with LR C
Ph ase < Stop
-
POR
-
L IN Tim eo ut w ith no Ph ase
-
L IN M ID3 C if n vm _ lin _special
Wake -u p on
P hase
Stand b y
Ed ge on Phase
. Restart tim er 10 0m s
EX C 100% D C
Ph ase > Star t_ aa
. R estart timer 1 00 ms
Hig h Ph ase1
ap pears
Time out 100 m s
Tim e ou t 100 m s
L IN C om m and with V reg <> 1 0.6 V:
-
MID 29 if n vm _AL T1
-
MID 2A if nv m _AL T2
-
MID 2B if nvm _lin_sp ecial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com