Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 4 Page - NXP Semiconductors

  TC80310 Datasheet HTML 1Page - NXP Semiconductors TC80310 Datasheet HTML 2Page - NXP Semiconductors TC80310 Datasheet HTML 3Page - NXP Semiconductors TC80310 Datasheet HTML 4Page - NXP Semiconductors TC80310 Datasheet HTML 5Page - NXP Semiconductors TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
NXP Semiconductors
80310
3
Pin connections
Figure 4. TC80310 die connections
Figure 5. JTO3 pin connections (sample configuration only) non-production
Table 2. 80310 pin definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 8.
Pad number
TC80310
Pin number
TO3
Pin name
Pin function
Formal name
Definition
1
1
PH2 (
φ2)
Input
Phase 2
Signal from alternator phase 2
2
2
PH1 (
φ1)
Input
Phase 1
Signal from alternator phase 1
3
3
BUS
Input/Output
LIN Bus
LIN connected to master
4
4
SGND
N/A
Signal Ground
Ground pin
5
5
B+A
Power
Supply Voltage
This pin is connected to the battery of the vehicle
6
6
EXC
Output
Excitation
This pin is connected to the rotor coil of the alternator
7
7
PGND
N/A
Power Ground
Ground termination
PH2
PH1
BUS
SGND
B+A
EXC
PGND
1
2
3
4
5
6
7
Transparent Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com