Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 22Page - NXP Semiconductors TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors TC80310 Datasheet HTML 25Page - NXP Semiconductors TC80310 Datasheet HTML 26Page - NXP Semiconductors TC80310 Datasheet HTML 27Page - NXP Semiconductors TC80310 Datasheet HTML 28Page - NXP Semiconductors TC80310 Datasheet HTML 29Page - NXP Semiconductors TC80310 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
NXP Semiconductors
80310
5.9
Protection and diagnosis features
5.9.1
Fault detection
General Notes
All fault reporting passes through a 400 ms digital filter to avoid false indication problems, and transition from one fault type to another
should be “clean”.
5.9.2
Mechanical fault (F_MEC)
The phase is off (Low Phase RPM below stop_regulation threshold). Reported in Alternator A/B read data field (ID=11, 13), byte 1.
5.9.3
Electrical fault (F_EL)
If one of these faults appear:
• The number of “1”s in all the OTP bits, NVM[80:1] is not ODD. The parity bit is included in the calculation
• The Phase is on (Low Phase RPM above stop_regulation threshold) but High Phase 1 is not detected
• B+A reaches 16.5 V with EXC at 100% DC
• Short circuit excitation load
• B+A stays at 75% of the target voltage when LRC is off
Note: This 5th additional condition is enabled only when the NVM bit “Low Voltage Threshold” is enabled. Reported in Alternator A/B
read data field (ID=11, 13), byte 1.
5.9.4
Electrical fault (HP Mask)
A fault detection when High phase signal is cut is reported on the electrical fault. Option (OTP) available to remove this fault detection.
5.9.5
Thermal fault (F_HT)
A thermal fault is reported when the die temperature exceeds the programmed threshold. Reported in Alternator A/B read data field
(ID=11, 13), byte 1.
The programmed threshold in hexadecimal corresponds to the following temperature in degrees:
• 6'b110010;//135degres
• 6'b110100;//145degres
• 6'b110110;//150degres
• 6'b111001;//160degres
5.9.6
Additional errors
LIN bus timeout
Check two timeouts:
• Activity on RXD is below 3 or 8 seconds (depending on the OTP bit)
• Time between two consecutive valid messages is below 3 or 8 seconds (depending on the OTP bit)
This flag is reset once the microcontroller sends MID 11 for ALTA, or MID 13 for Alt B. Reported in Alternator A/B read data field (ID=11,
13), byte 2.
Comm error
Checks the ID parity bits + Checksum byte + (TXD = RXD when responding) + LIN Physical layout not in over-current limitation. Reported
in Alternator A/B read data field (ID=11, 13), byte 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com