Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors TC80310 Datasheet HTML 10Page - NXP Semiconductors TC80310 Datasheet HTML 11Page - NXP Semiconductors TC80310 Datasheet HTML 12Page - NXP Semiconductors TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NXP Semiconductors
11
80310
5.3.4
Power on reset (POR)
When a Power On Reset occurs, product internal registers are reset and the product goes into standby mode.
5.4
Operational modes
The following figure describes the battery operating voltage.
Figure 8. Battery operating voltage range
4.20
4.40
4.60
4.80
5.00
POR
BPA @ POR (V)
4.00
-40.00
-10.00
20.00
50.00
80.00
110.00
140.00
Temp(deg C)
MAX RATING
40 V
27 V (1.0 MIN.)
21 V
16.5 V
16 V
13.8 V
10.6 V
8.5 V
5.0 V
-2.4 V (5.0 SEC.)
DC BATTERY VOLTAGE
MAX RATING
LOAD DUMP DETECTION, EXCITATION OFF
EXCITATION WITH MINIMUM PWM DUTY-CYCLE
OVER-VOLTAGE FAULT
REGULATION RANGE (PWM REGULATION)
EXCITATION AVAILABLE WITH 100% OF DUTY-CYCLE
(TARGETED VALUE IN LOGIC RAM)
PREVIOUS LOGIC CONFIGURATION IS MAINTAINED.
(LAST TARGETED VALUE STORED IN LOGIC RAM). 100% DUTY-CYCLE. NO LRC.
LOGIC RESET (DEFAULT TARGET OF REGULATION)
DETECTION (16.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com