Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 12Page - NXP Semiconductors TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors TC80310 Datasheet HTML 19Page - NXP Semiconductors TC80310 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
NXP Semiconductors
80310
5.6.8
Wake-up
This state is reached when an edge is detected on the phase (Phase voltage > Phase sensitivity)
• The logic is out of reset
• All the blocks are on
• There is no regulation. DC=0%
After a 100 ms timeout, if the speed has not reached fSTART, then the device goes back to Standby mode.
5.6.9
Excitation 100% DC
When the speed has reached Start_aa, then the device goes into this state until the high phase appears, or during a 100 ms maximum.
• The logic is out of reset.
• All the blocks are on.
• There is no regulation. DC = 100%
Start_aa (see Table 1): is a special threshold for the self-start when it is in Wake-up mode, before going in EXC 100% DC, waiting for high
phase. Once high phase appeared the state machine is exactly the same as with LIN wake-up. Start_aa can be programmed at 3000 rpm
or 4000 rpm.
5.6.10 Regulation with LRC
In this mode, the 80310 regulates the alternator output to the set reference level. The excitation is controlled by LRC, if B+A is lower than
VREG. DC can not be lower than DCMIN. This LRC mode is active until the detection of phase stop regulating RPM (fSTOP). In this case,
the device goes back to the Pre-excitation mode. If the phase frequency reaches the LRC disable RPM default (fLRC), the device goes
into regulation without LRC.
5.6.11 Regulation without LRC
This mode is active when the phase frequency is above the LRC disable RPM default (fLRC), the first VREG was reached with LRC. The
excitation is controlled only by the internal comparator of B+A and VREG. The DC can not be lower than DCMIN. If the phase frequency
goes below the LRC disable RPM default (fLRC), then the 80310 comes back to the regulation with LRC mode. If the phase frequency
goes below the phase stop regulating RPM, the device goes to Pre-excitation mode.
5.6.12 Re-regulation:
The excitation is forced to 100%. This mode is active if there is no high phase on non active phase (PHx < VPH) in the previous cycle, until
the high phase comes back. At the end of the 8th cycle, if there is still no high phase, the regulation mode is set to off and the device goes
back to the regulation mode, with or without LRC.
5.6.13 LIN bus information
The operational control and programming, required in the end application, is carried out through the LIN interface. Refer to Tables 7 to
15. The regulator shall only give pre-excitation when it receives a LIN command targeted for it, the shutdown command is the code that
would otherwise set 10.6 V (“000000”). LIN addresses are listed in MID format, Table 8, while the data fields are listed in [MSB:LSB] format
Table 10 lists the values for the Target/Programmed Regulated voltage contained in the Alternator A/B write data field (ID=29, 2A), byte 1.
Table 11 lists the values for the LRC Ramp Time and Ramp Cut-off contained in the Alternator A/B write data field (ID=29,2A), byte 2.
Table 12 lists the values for the die Temperature contained in the Alternator A/B read data field (ID=11, 13), byte 2.
Table 13 lists the values for the alternator Excitation Current contained in the Alternator A/B read data field(ID=11, 13), byte 2, as well as
the Excitation duty cycle contained in the Alternator A/B read data field (ID=11, 13), byte1.
Table 14 lists values for the excitation Current Limit contained in the Alternator A/B write data field (ID=29, 2A), byte 3.
Table 15 lists the values for the alternator Manufacturer and Class code contained in the Alternator A/Bread data field (ID=12, 14), byte 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com