Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 4Page - NXP Semiconductors TC80310 Datasheet HTML 5Page - NXP Semiconductors TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors TC80310 Datasheet HTML 10Page - NXP Semiconductors TC80310 Datasheet HTML 11Page - NXP Semiconductors TC80310 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
NXP Semiconductors
80310
5
Functional description
5.1
Introduction
The 80310 is an integrated circuit intended to regulate the output voltage of an automotive alternator.
The IC supplies a current via a high-side MOSFET to the excitation coil of the alternator and provides an internal freewheeling diode. It
keeps the battery at its nominal charge and delivers current to electrical devices within the vehicle.
The 80310 also provides a load response control mechanism (LRC), and has an interface for the industry standard LIN protocol (v1.3) to
allow an ECU (master) to control the regulated voltage and the LRC rate among other parameters.
The ECU also can read back information about the status of the regulator and the alternator via LIN. The programmable parameters by
the ECU:
• Regulated voltage
• LRC ramp time, LRC cut off
• Excitation current limitation
The information sent back to the ECU:
• Die temperature
• Excitation current
• EXC duty cycle (DF)
• Manufacturer and class
• Faults:
• Electrical, mechanical, temperature
• LIN time out
• LIN communication error: watchdog, check sum, Id parity, sync break
The IC can be programmed as an OTP device (One Time Programmable) to fit a large number of alternators and applications. These
programmable parameters are described in the functional device operation (Table 6). This circuit is specially designed to operate in harsh
automotive environment.
5.2
Functional pin description
5.2.1
Phase (PH1 and PH2)
These pins connect to stator windings. These signals are used for the rotor speed measurement, stator voltage measurement as well as
the self start detection.
Figure 6. Internal signals in normal mode
In this situation, the regulator stays in Normal mode (P1 and P2 represent internal signals coming from the phase processor block, which
are routed to the logic block).
9 3+
9 3+/
93+ !93+
$1'
93+ 93+/
&RQGLWLRQ LV WUXH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com