Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors TC80310 Datasheet HTML 19Page - NXP Semiconductors TC80310 Datasheet HTML 20Page - NXP Semiconductors TC80310 Datasheet HTML 21Page - NXP Semiconductors TC80310 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
NXP Semiconductors
80310
Byte 1
x
x
Target Voltage [5:0]
Byte 2
Ramp Cutoff [3:0]
Ramp Rate [3:0]
Byte 3
x
x
x
Current LImit [4:0]
Byte 4
x
x
x
x
x
x
x
x
Alternator A
Data field description for alternator A read command: ID = 11
7
6
5
4
3
2
1
0
Byte 1
EXC Duty Cycle [4:0]
F_EL
F_MEC
F_HT
Byte 2
LIN Bus Timeout
Com error
Measured Current or Temperature [5:0]
Alternator A
Data field description for alternator A Read Command: ID = 12
7
6
5
4
3
2
1
0
Byte 1
Class[4:0]
Manufacturer [2:0]
Byte 2
0
0
0
0
Slave Not
Responding
Checksum
ID Parity Fault
Sync Break Fault
Alternator B
Data field description for alternator B write command: ID = 2A
7
6
5
4
3
2
1
0
Byte 1
x
x
Target Voltage [5:0]
Byte 2
Ramp Cutoff [3:0]
Ramp Rate [3:0]
Byte 3
x
x
x
Current LImit [4:0]
Byte 4
x
x
x
x
x
x
x
x
Table 9. LIN read/write data format (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com