Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors TC80310 Datasheet HTML 19Page - NXP Semiconductors TC80310 Datasheet HTML 20Page - NXP Semiconductors TC80310 Datasheet HTML 21Page - NXP Semiconductors TC80310 Datasheet HTML 22Page - NXP Semiconductors TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors TC80310 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
NXP Semiconductors
21
80310
011111
13.7
111111
16.0
Notes
21.
If 000000 is sent the regulator will set 10.60 V or shutdown if no LIN command with a voltage setting
higher than 10.6 V was sent beforehand.
22.
Default for self-start, adjustable in OTP between 13.5 V and 15.0 V.
Table 11. LRC programming information
Ramp time
Seconds
Ramp cut-off
RPM
0000
0
0000
2400
0001
1.3
0001
2530
0010
2.1
0010
2670
0011
3.0(23)
0011
2830
0100
3.8
0100
3000(23)
0101
4.7
0101
3200
0110
5.5
0110
3430
0111
6.4
0111
3690
1000
7.2
1000
4000
1001
8.1
1001
4360
1010
8.9
1010
4790
1011
9.8
1011
5320
1100
10.6
1100
5990
1101
11.5
1101
6860
1110
12.3
1110
8010
1111
13.2
1111
Always Active
Notes
23.
Default, adjustable by OTP.
Table 10. Target/programmed voltage
Code
V
Code
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com