Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 2Page - NXP Semiconductors TC80310 Datasheet HTML 3Page - NXP Semiconductors TC80310 Datasheet HTML 4Page - NXP Semiconductors TC80310 Datasheet HTML 5Page - NXP Semiconductors TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors TC80310 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
NXP Semiconductors
80310
4.2
Static electrical characteristics
Table 4. Static electrical characteristics
Electrical parameters are tested at die level from 30 °C to 140 °C. Typical values noted reflect the approximate parameter mean at
TA = 25 °C under nominal conditions, unless otherwise noted. Parametric guaranteed from TJ = -40 °C to 150 °C, unless otherwise noted.
Operation is guaranteed by design up to TJ-TSD.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
VB+A
Operating Voltage, VB+A
8.0
–
27
V
VBUS
Bus Operating Voltage (LIN)
8.0
–
18
V
ISB2.B+A-0
Quiescent Current at VB+A=12.5 V (Phases at 0 V)
(including phase currents at 25 °C)
–
–
110
μA
ISB2.B+A-1
Quiescent Current at VB+A=12.5 V (Phases at 12.5 V)
(including phase currents at 25 °C)
–
–
250
μA
IOP
Operating Current
no EXC Load at 25 °C and VB+A = 13 V
–
12
16
mA
VREG
Range of Regulation Voltage (50% DC)
10.60
–
16.0
V
ΔVREG1
VREG Setting Accuracy Voltage at 50% for VREG = 13.8 V and
TJ = 25 oC
-100
–
+100
mV
ΔVREG2
VREG Setting Accuracy Voltage at 50% for VREG = 10.7 V and
VREG = 16 V and TJ = 25 oC
-150
–
+150
mV
VLD
Load Dump Detection Threshold Voltage
–
21
–
V
ΔVREG-L
ΔVREG with Load Voltage
-150
–
0
mV
(7)
ΔVREG-S
ΔVREG with Speed Voltage
-100
–
100
mV
(8)
RDS.ON.EXC
RDS-ON FIELD TMOS at IEXC = 5.0 A and TJ = 140 oC
–
–
100
m
Ω
(9)
VEXC.SEN
Overvoltage Detection
0.3
0.6
1.0
V
(10)
VF
Recirculation Diode Voltage at 5.0 A (Excitation Current)
–
1.2
1.5
V
VP-H
Phase Input High Threshold Voltage (PHASE OK)
–
8.0
–
V
VPH-HYST
Phase Input High Hysteresis Voltage (PHASE OK)
–
1.0
–
V
VOV
Overvoltage (Fault) Threshold Voltage
16.2
16.5
–
V
IEXC-SC
EXC Short-circuit Protection Threshold
–
10
–
A
(11)
ILIN-SC
LIN Peak Short-circuit Current
–
62
150
mA
Notes
7.
Changing load from 5% to 90% of alternator capability.
8.
At low load (5%) and varying alternator speed from 2000 RPM to 18000 RPM. By design, not tested.
9.
The thermal capability of the packaging is critical to the full use of the output drive.
10.
If there is a high voltage and the EXC pin is above this voltage a fault is detected.
11.
Pulsed at low duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com