Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 23Page - NXP Semiconductors TC80310 Datasheet HTML 24Page - NXP Semiconductors TC80310 Datasheet HTML 25Page - NXP Semiconductors TC80310 Datasheet HTML 26Page - NXP Semiconductors TC80310 Datasheet HTML 27Page - NXP Semiconductors TC80310 Datasheet HTML 28Page - NXP Semiconductors TC80310 Datasheet HTML 29Page - NXP Semiconductors TC80310 Datasheet HTML 30Page - NXP Semiconductors TC80310 Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
NXP Semiconductors
80310
7
Revision history
Revision
Date
Description of changes
1.0
12/2008
• Initial Release
2.0
5/2011
• Add ESD values and electrical characteristics table + graphs
• Remove backmetal option
• Add Table1 Page 2. Version-determined Electrical parameters
• Change Thermal Shutdown value, Modification in the LIN fault detection paragraph.
• Change wording in LIN Fault detection paragraph
• Add machine Model in electrical ratings table
• Change LIN timeout value (1.3s instead of 8s) + slight changes in diagrams
• Wording change
• Change in table 1 page 3 on BUS inactivity column from 3/8 to 1.31/3
• Change in figure 1 and 2 + device table
• Added TC80310AWS to the ordering information
3.0
8/2012
• Replaced TC80310xWS by TC80310xHWS in Table 1, Version determined electrical parameters
• Replaced Die Back Metal Composition "Cr/CrAg/Ag" by "Ti/Ni/V/Ag" in Table 16, Physical die characteristics
• Updated BYTE 3 in Data field description for alternator A write command: ID = 29 17
• Updated BYTE 3 in Data field description for alternator B write command: ID = 2A 18
• Updated BYTE 3 in Data field description for alternator A+B write command: ID = 2B(20) 19
• Updated BYTE 1 in Data field description for alternator B read command: ID = 14 19
• Updated Freescale form and style
4.0
12/2013
• Added the description “The MID 0x27 is reserved. Therefore, especially if other nodes than the 80310 are placed
on the LIN bus, the MID 0x27 is forbidden” under Table 8, LIN byte/direction data format on page 17.
5.0
1/2015
• Replaced TC80310xHWS by TC80310AxHWS in Table 1, Version determined electrical parameters
• Added TC80310BxHWS to the ordering information
• Modified as per PB #16598
8/2016
• Updated to NXP document form and style



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com