Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 10Page - NXP Semiconductors TC80310 Datasheet HTML 11Page - NXP Semiconductors TC80310 Datasheet HTML 12Page - NXP Semiconductors TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
NXP Semiconductors
80310
5.6.2
Wake-up
This state is reached when a transition is detected on the communication interface.
• The logic is out of reset.
• All the blocks are on.
• There is no regulation. DC = 0%
After a LIN timeout, if no valid instruction is decoded, then the device goes back into Stand-by mode.
5.6.3
Pre-exc
The pre-excitation state is reached as soon as a valid instruction for the regulated value (VREG), different from 10.6 V, is decoded. If B+A
is lower than the expected (VREG), then the duty cycle is equal to DCSTART UP, or else DCMIN. The purpose of pre-excitation is to increase
the magnetization of the alternator, to guarantee a minimum phase voltage for the rotor speed measurement when the engine starts. The
pre-excitation stays active until the detection of phase starts regulating RPM (fSTART).
5.6.4
Regulation with LRC
In this mode, the 80310 regulates the alternator output to the set reference level. The excitation is controlled by LRC if this LRC mode is
active until the detection of phase stop This LRC mode is active until the detection of phase stop regulating RPM (fSTOP). In this case, the
device goes back to the pre-excitation mode. If the phase frequency reaches the LRC disable RPM default (fLRC), the device goes into
regulation without LRC.
5.6.5
Regulation without LRC
This mode is active when the phase frequency is above the LRC disable RPM default (fLRC), the first VREG was reached with LRC. The
excitation is controlled only by the internal comparator of B+A and VREG. The DC can not be lower than DCMIN. If the phase frequency
goes below the LRC disable RPM default (fLRC), then the 80310 comes back to the regulation with LRC mode. If the phase frequency
goes below the phase stop regulating RPM, the device goes to pre-excitation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com