Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 9Page - NXP Semiconductors TC80310 Datasheet HTML 10Page - NXP Semiconductors TC80310 Datasheet HTML 11Page - NXP Semiconductors TC80310 Datasheet HTML 12Page - NXP Semiconductors TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NXP Semiconductors
13
80310
5.6
State machine
The following diagram describes the state machine of the TC80310:
Figure 9. LIN wake-up state machine
5.6.1
Standby
The 80310 is in standby mode, if there is a LIN timeout and in absence of alternator rotation (no phase), or in case of power and reset
(POR), or with a LIN MID3C command if nvm_lin_special is set
• There is no excitation.
• The duty cycle (DC) is equal to zero.
The device needs a small amount of quiescent current to feed some functions such as oscillator. LIN timeout means:
• No activity on the LIN bus during a specified time
• or on a LIN watchdog timeout during a specified time
Standby
No edge on Phase but
Edge on LIN
(High Phase1 appears) or
(100%DC during 8 cycles =>
Phase Regulation set OFF)
-
POR
-
LIN Timeout with no Phase
-
LIN MID3C if nvm_lin_special
Wake-up
on LIN
LIN Command with Vreg <> 10.6V:
-
MID 29 if nvm_ALT1
-
MID2A if nvm_ALT2
-
MID2B if nvm_lin_special
REGULATION w LRC
PRE-EXC
No High Phase1 in the
previous cycle and Phase
Regulation is ON
Phase
REGULATION
REGULATION w/o LRC
No High Phase1 in the
previous cycle and Phase
Regulation is ON
(High Phase 1 appears) or
(100%DC during 8 cycles =>
Phase Regulation set OFF)
Phase > Start
Phase < Stop
Phase > LRC
and first Vreg reached with LRC
Phase < LRC
Phase < Stop
Edge on Phase
Wake-up
on Phase
See cont. in
Self-Start State
Machine
Phase
REGULATION
- LIN = 10.6V with no Phase
- LIN = 10.6V whatever the Phase if
nvm_106V_ref_off
Regulation
Phase
Regulation
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com