Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 5 Page - NXP Semiconductors

  TC80310 Datasheet HTML 1Page - NXP Semiconductors TC80310 Datasheet HTML 2Page - NXP Semiconductors TC80310 Datasheet HTML 3Page - NXP Semiconductors TC80310 Datasheet HTML 4Page - NXP Semiconductors TC80310 Datasheet HTML 5Page - NXP Semiconductors TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
NXP Semiconductors
5
80310
4
General product characteristics
4.1
Maximum ratings
Table 3. Maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage
to the device. TA = 25 °C, unless otherwise stated.
Symbol
Ratings
Value
Unit
Notes
Electrical ratings
VB+CONT
VB+TRANS
B+A Supply Pin
•DC Voltage
• Load Dump Transient Voltage (ISO7637-2)
27
40
V
V
V-B+A
Maximum Reverse B+A Voltage (5 seconds)
-2.4
V
(1)
IEXC
Maximum Excitation Current at TJ = 150 oC
5.0
A
(2)
IEXC
Maximum Excitation Current at TJ = 25 oC
8.0
A
Recirculation Diode Peak Current
8.0
A
Recirculation Diode Reverse Voltage
40
V
VPHASE
PHASE Input Voltage Range
±40
V
BUS Pin Input Range
-2.0 to +40
V
VESD1
VESD2
VESD3
VESD4
ESD Voltage
• Human Body Model - All Pins (MIL std 883C)
• Machine Model - All Pins
• Accessible Pins (EN61.000-4-2) When Mounted on the Alternator (BUS &
B+A) by Contact Discharge
• Air Discharges When Mounted on the Alternator
±6000
±200
±8000
±15000
V
(3)
(4)
(5)
Level
Standard Transient Pulses ISO7637-1 & -3
150
V
Thermal ratings
TSTOR
Storage Temperature
-45 to +150
°C
TJ
Operating Junction Temperature
-40 to +150
°C
(6)
TJ-TSD
Thermal Shutdown Temperature
185
°C
TTSD-HYST
Thermal Shutdown Hysteresis
10
°C
Notes
1.
Not tested. Depends on package and bonding.
2.
Characterized at 150 °C but not production tested
3.
Testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), Charge Device Model, Robotic
(CZAP = 4.0 pF), or the EN61000-4-2 specification (CZAP = 150 pF, RZAP = 330 Ω).
4.
Except Phase1 and Phase2 (+/-5000 V)
5.
Product Powered. ESD done on pulley, B+ and metal alternator case (CZAP = 330 pF, RZAP = 2.0 kΩ)
6.
Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com