Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors TC80310 Datasheet HTML 15Page - NXP Semiconductors TC80310 Datasheet HTML 16Page - NXP Semiconductors TC80310 Datasheet HTML 17Page - NXP Semiconductors TC80310 Datasheet HTML 18Page - NXP Semiconductors TC80310 Datasheet HTML 19Page - NXP Semiconductors TC80310 Datasheet HTML 20Page - NXP Semiconductors TC80310 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NXP Semiconductors
17
80310
5.7
Command tables
Table 7. LIN command information
Function
LIN
Active bits
VREG Digital
W
6
LRC Rate
W
4
LRC Disable Frequency
W
4
Excitation Current Limitation (0 A to 7.75 A)
W
5
Status & Diagnostic
R
5
EXC Duty-Cycle
R
5
Excitation Current
R
6(17)
Die Temperature
R
6(18)
Manufacturing Information
R
8
Notes
17.
This information is given as 6 bits and is only accurate:
• a) from 0 °C to 25 °C:
• - from 0 A to 3.875 A: +/- 375 mA
• - from 3.875 A to 7.75 A:+/- 10%
• b) outside the previous temperature range:
• - from 0 to 3.875 A: +/-625 mA
• - from 3.875 A to 7.75 A: +/-15%
• Currents higher than 7.75 A, which may be possible at low temperature, are reported as 7.75 A. Excitation Current and Die Temperature functions
are exclusive.
18.
This gives a resolution of 3.5 degrees and the accuracy is +/-10 degrees. Excitation Current and Die Temperature functions are exclusive.
Table 8. LIN byte/direction data format
For TC80310AxHWS, the MID 0x27 is reserved. Therefore, if nodes other than the 80310 are placed on the LIN bus, the MID 0x27 is
forbidden. For TC80310BxHWS, the MID 0x27 can be used on the same LIN bus.
MID (hex) ID [5:1]
Bytes
Direction(19)
Message name
Alternator A
29
4
M to S
Write Regulator Control Data to Alt. A
11
2
S to M
Read Regulator Status 2 Bytes from Alt. A
12
2
S to M
Read Regulator Identifier 2 Bytes from Alt. A
Alternator B
2A
4
M to S
Write Regulator Control Data to Alt. B
13
2
S to M
Read Regulator Status 2 Bytes from Alt. B
14
2
S to M
Read Regulator Identifier 2 Bytes from Alt. B
Global
2B
4
M to S
Write Regulator Control Data to Alt. A and Alt. B
3C
4
M to S
Global Sleep Command (first byte 0x00)
Notes
19.
M to S = Master to Slave; S to M = Slave to Master
Table 9. LIN read/write data format
Alternator A
Data field description for alternator A write command: ID = 29
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com