Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 3Page - NXP Semiconductors TC80310 Datasheet HTML 4Page - NXP Semiconductors TC80310 Datasheet HTML 5Page - NXP Semiconductors TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors TC80310 Datasheet HTML 10Page - NXP Semiconductors TC80310 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
NXP Semiconductors
7
80310
4.3
Dynamic electrical characteristics
VBUS-LOW-REC
Bus Voltage Low Level Receive (LIN)
–
–
0.3 * VB+A
V
(12)
VBUS-LOW-SEND
Bus Voltage Low Level Send (LIN)
–
–
1.4
V
(12)
VBUS-HIGH-REC
Bus Voltage High Level Receive (LIN)
–
–
0.7*VB+A
V
(12)
VBUS-HIGH-SEND Bus Voltage High Level Send (LIN)
6.4
–
–
V
(12)
VVCCLB
Emergency Regulation Voltage
–
8.5
9.5
V
(13)
Notes
12.
Referred to regulator/alternator ground.
13.
Operates asynchronous to the regulation cycle in case of a very rapid drop in B+A, usually caused by adding a heavy load without a battery in the
system.
Table 5. Dynamic Electrical Characteristics
Electrical parameters are tested at die level from 30 °C to 140 °C. Typical values noted reflect the approximate parameter mean at
TA = 25 °C under nominal conditions, unless otherwise noted. TJ from -40 °C to 150 °C, unless otherwise noted. Operation is guaranteed
by design up to TJ-TSD.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
FREG
Regulation Frequency
106
122
137
Hz
tLPH
Phase Noise Rejection Filter
–
12.5
–
μs
tFAULT
Fault Qualification Delay/Filter
–
400
–
ms
(14)
tRISE
Bus Signal Risetime (LIN)
• From 20% to 80% of VBUS with VB+A = 18 V
5.0
–
40
μs
tFALL
Bus Signal Falltime (LIN)
• From 20% to 80% of VBUS with VB+A = 18 V
3.5
–
40
μs
DCMIN
Minimum Duty Cycle
–
4.1
–
%
DCSTARTUP
Start-up Duty Cycle
–
13.5
–
%
ΔLRC
Delta LRC Duty Cycle
–
3.125
–
%
Notes
14.
A fault has to be present for the entire time before it is considered valid.
Table 4. Static electrical characteristics (continued)
Electrical parameters are tested at die level from 30 °C to 140 °C. Typical values noted reflect the approximate parameter mean at
TA = 25 °C under nominal conditions, unless otherwise noted. Parametric guaranteed from TJ = -40 °C to 150 °C, unless otherwise noted.
Operation is guaranteed by design up to TJ-TSD.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com