Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 1 Page - NXP Semiconductors

  TC80310 Datasheet HTML 1Page - NXP Semiconductors TC80310 Datasheet HTML 2Page - NXP Semiconductors TC80310 Datasheet HTML 3Page - NXP Semiconductors TC80310 Datasheet HTML 4Page - NXP Semiconductors TC80310 Datasheet HTML 5Page - NXP Semiconductors TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Document Number: TC80310
Rev. 5.0, 8/2016
NXP Semiconductors
Data Sheet: Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© 2016 NXP B.V.
Alternator regulator with LIN
The 80310 is an integrated circuit intended to regulate the output voltage of an
automotive alternator.
The IC supplies a current via a high-side MOSFET to the excitation coil of the
alternator and provides an internal freewheeling diode. It keeps the battery at its
nominal charge and delivers current to electrical devices within the vehicle.
The 80310 also provides a load response control mechanism (LRC), and has
an interface for the industry standard LIN protocol (Revision 1.3) to allow an
ECU to control the regulated voltage and the LRC rate among other parameters.
The ECU also can read back information about the status of the regulator and
the alternator via LIN.
It can be programmed for most functions using OTP (Non-volatile memory) and
fit a large number of alternators and applications.
Features
• High-side field driver
• Internal freewheeling diode
• Up to 8.0 A rotor current (excitation coil)
• Load response control (LRC)
• Thermal protection
• Thermal compensation
• LIN interface
• Set point voltage selectable from 10.6 to 16 V
• Rotor control and die temperature monitoring via LIN
Figure 1. 80310 simplified application diagram (LIN mode)
Figure 2. 80310 simplified application diagram (standalone, self-start mode)
AUTOMOTIVE ALTERNATOR
REGULATOR
Ordering information
Device
Temperature
range (TJ)
Package
Devices part numbers are dependant on programming from
factory.
TO3 - Contact sales for information on limited engineering
sample quantities. Production version is die sales only.
TOP VIEW
80310
Stator
Rotor
Coil
Battery
+
-
B+A
PH1
PH2
EXC
LIN
SGND
TC80310
1.5
μF/2.2 μF
Alternator
GND
Master
ECU
Control
Diagnose
Stator
Rotor
Coil
Battery
+
-
B+A
PH1
PH2
EXC
LIN
SGND
TC80310
1.5
μF/2.2 μF
Alternator
GND


Similar Part No. - TC80310

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC80 CDE-TC80 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
ABB
TC80 ABB-TC80 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
SHENZHEN FUMAN ELECTRON...
TC8002CS FUMAN-TC8002CS Datasheet
384Kb / 5P
3W audio power amplifier IC
TC8002D FUMAN-TC8002D Datasheet
312Kb / 5P
3W audio power amplifier IC
TC8012 FUMAN-TC8012 Datasheet
86Kb / 2P
Electronic cigarette IC
More results

Similar Description - TC80310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
80310 FREESCALE-80310 Datasheet
951Kb / 31P
Alternator Regulator with LIN High side field driver
logo
Unisonic Technologies
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
logo
STMicroelectronics
L9918 STMICROELECTRONICS-L9918 Datasheet
1Mb / 109P
Alternator voltage regulator with LIN interface for 12 V applications
08-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com