Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80310 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TC80310
Description  Alternator regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TC80310 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TC80310 Datasheet HTML 6Page - NXP Semiconductors TC80310 Datasheet HTML 7Page - NXP Semiconductors TC80310 Datasheet HTML 8Page - NXP Semiconductors TC80310 Datasheet HTML 9Page - NXP Semiconductors TC80310 Datasheet HTML 10Page - NXP Semiconductors TC80310 Datasheet HTML 11Page - NXP Semiconductors TC80310 Datasheet HTML 12Page - NXP Semiconductors TC80310 Datasheet HTML 13Page - NXP Semiconductors TC80310 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
NXP Semiconductors
80310
5.3.1
Supply voltage: filter/divider, bandgap, and POR
An input filter and divider provides a clean image of the battery to the digital regulation loop circuit. The divider ratio can be adjusted by
OTP. The supply block provides the voltages for the internal blocks of the 80310:
• Main logic
• Analog permanently powered or not
• LIN transceiver
• Charge pump
The purpose of the POR block is to generate a clean power-on signal to the main logic. The Bandgap block provides the voltage and
current references for the other blocks.
5.3.2
Power stage: charge pump, drive and protection, current measurement
The power stage of the circuit consists of the gate driver with a charge pump and protection to control a low side driver switching the
excitation current. A short-circuit is instantaneously detected and the excitation current is turned off until the next regulation cycle. A
freewheeling diode is inserted between the EXC and GND pins, across the excitation coil for the energy recirculation. The current
measurement block provides a proportional value of the excitation current flowing in the high-side switch.
5.3.3
Logic and control
Digital
The digital block gathers all the digital functions of the device. The main functionality is described in the device operation paragraph.
Clock
This block is the clock reference for the digital block. The oscillator generates a 5.0 V square wave at the frequency of 4.0 MHz in Normal
mode operation.
OTP
This block allows an easy configuration and adjustment of the circuit. A set of NVM bits can be programmed during the factory test phase.
They are described in Table 6.
Phase low & high
The phase detector monitors the Phase inputs and sends filtered low and high levels to the main logic when either one has reached the
detection level (1.0 V at startup and 8.0 V afterwards).
A/D converter
The analog to digital converter is used in the voltage regulation loop, in the current feedback and in temperature measurement.
LIN
This block allows the LIN bus transmission and reception.
T° measurement
This block generates a voltage proportional to the die temperature. This voltage is converted by the ADC into a digital number to be
transmitted via the LIN bus to the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com