Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 29 of 34
FREQUENCY (Hz)
10k
1k
100
10
1
0.1
10
100
1k
10k
100k
10M
1M
ADP5014
ADP1740
Figure 43. ADP5014 Noise Spectral Density Measurement, VIN = 5 V, VOUT1 =
1.3 V, IOUT1 = 0.5 A, fSW = 1.2 MHz, L1 = 0.8 μH, COUT = 47 μF × 3, LFILTER = 1 μH,
CFILTER = 22 μF × 2
FREQUENCY (Hz)
50
35
40
45
20
25
30
15
10
5
0
10
100
1k
10k
100k
1M
ADP5014
ADP1740
Figure 44. ADP5014 Integrated RMS Noise, VIN = 5 V, VOUT1 = 1.3 V, IOUT1 = 0.5 A,
fSW = 1.2 MHz, L1 = 0.8 μH, COUT = 47 μF × 3, LFILTER = 1 μH, CFILTER = 22 μF × 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com