Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 31 of 34
TYPICAL APPLICATION CIRCUITS
1.5µH
10nF
L1
GPIO
AVIN
FB1
SW1
SW1
L3
SW3
FB3
PGND3
L4
SW4
FB4
PGND4
PVIN1
PVIN1
PVIN2
PVIN2
PVIN3
COMP3
PVIN4
5.0V
VOUT1
VOUT3
VOUT4
AGND
EXPOSED PAD
ADP5014
PGND1
PGND1
L2
FB2
SW2
SW2
VOUT2
PGND2
EN3/UV
EN2/DL12
EN1/ENALL
EN4/DL34
VREF
CFG1
CFG2
RT
REF
OSC
LOGIC DECODER
C3
47µF
1.2V/4A
2.5V/2A
1.5V/2A
3.3V/2A
0.47µF
0.8µH
0.8µH
1.5µH
C7
47µF
C10
47µF
C12
47µF
4.32k
Ω
C1
10µF
C2
1µF
10nF
13.3kΩ
COMP1
VSET1
VREF
20k
Ω
4.32k
Ω
10nF
COMP2
VSET2
VREF
4.32k
Ω
10nF
COMP4
VSET4
VREF
6.65kΩ VSET3
VREF
20k
Ω
6.04k
Ω
CH 1
BUCK
(2A/4A)
CH 2
BUCK
(2A/4A)
CH 3
BUCK
(1A/2A)
CH 4
BUCK
(1A/2A)
C4
47µF
C8
47µF
82.5k
Ω
C6
10µF
C9
10µF
C11
10µF
VCORE
AUXILIARY
VOLTAGE
FPGA
VREF
ENALL
2ms
6ms
12ms
24ms
36ms
12ms
C5
47µF
31.6kΩ
4.99kΩ
20kΩ
26.1kΩ
1.2V
2.5V/1.5V
3.3V
I/Os
BANK 0
BANK 1
BANK 2
I/Os
BANK 3
PGND2
13kΩ
20kΩ
DDR
TERM. LDO
DDR3 MEMORY
FLASH MEMORY
Figure 46. Typical Field Programmable Gate Array (FPGA) Application, 1.2 MHz Switching Frequency, Sequence Enable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com