Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5014ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 5 of 34
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSHDN
150
°C
Thermal Shutdown Hysteresis
THYS
15
°C
BUCK REGULATOR SPECIFICATIONS
VIN = 5 V, fSW = 1.2 MHz for all channels, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CHANNEL 1 SYNC BUCK REGULATOR
Load Current
ILOAD1
4
A
Output Characteristics
VFB1 Voltage Accuracy
−40°C ≤ TJ ≤ +125°C
VFB1
−0.6
+0.6
%
VSET1 = VREF
−1.0
+1.0
%
VSET1 = ½ × VREF
Feedback Bias Current
IFB1
0.1
µA
VSET1 Bias Current
IVSET1
0.1
μA
SW1 Pin
High-Side Power Field Effect
Transistor (FET) On Resistance
RDS(ON)1H
49
80
mΩ
Pin to pin measurement
Low-Side Power FET
On Resistance
RDS(ON)1L
37
60
mΩ
Pin to pin measurement
Current-Limit Threshold
ITH(ILIM1)
5.2
6.9
8.6
A
RCFG1 = 0 kΩ
2.5
3.5
4.5
A
RCFG1 = 17.8 kΩ
Minimum On Time
tMIN_ON1
60
90
ns
fSW = 500 kHz to 2.5 MHz
Minimum Off Time
tMIN_OFF1
50
80
ns
fSW = 500 kHz to 2.5 MHz
Error Amplifier, COMP1 Pin
EA Transconductance
gm1
700
800
900
µS
Soft Start Time
tSS1
2
ms
Timer ×1 option
16
ms
Timer ×8 option
Programmable Soft Start Range
2
16
ms
Hiccup Time
tHICCUP1
7 × tSS1
ms
COUT Discharge Switch On
Resistance
RDIS1
85
CHANNEL 2 SYNC BUCK REGULATOR
Load Current
ILOAD2
4
A
Output Characteristics
VFB2 Voltage Accuracy
−40°C ≤ TJ ≤ +125°C
VFB2
−0.6
+0.6
%
VSET2 = VREF
−1.0
+1.0
%
VSET2 = ½ × VREF
Feedback Bias Current
IFB2
0.1
µA
VSET2 Bias Current
IVSET2
0.1
µA
SW2 Pin
High-Side Power FET On
Resistance
RDS(ON)2H
49
80
mΩ
Pin to pin measurement
Low-Side Power FET On
Resistance
RDS(ON)2L
37
60
mΩ
Pin to pin measurement
Current-Limit Threshold
ITH(ILIM2)
5.2
6.9
8.6
A
RCFG1 = 0 kΩ
2.5
3.5
4.5
A
RCFG1 = 17.8 kΩ
Minimum On Time
tMIN_ON2
60
90
ns
fSW = 500 kHz to 2.5 MHz
Minimum Off Time
tMIN_OFF2
50
80
ns
fSW = 500 kHz to 2.5 MHz
Error Amplifier, COMP2 Pin
Transconductance
gm2
700
800
900
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com