Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 30 of 34
PCB LAYOUT RECOMMENDATIONS
Good circuit board layout is essential to obtain the best
performance from the ADP5014 (see Figure 45). Poor layout can
affect the regulation and stability of the device, as well as the
EMI and electromagnetic compatibility (EMC) performance.
Refer to the following guidelines for a good PCB layout.
Place the input capacitor, inductor, and output capacitor
close to the IC.
Use short, thick traces to connect the input capacitors
to the PVINx pins, and use dedicated power ground to
connect the input and output capacitor grounds to
minimize the connection length.
Use several high current vias, if required, to connect
PVINx, PGNDx, or SWx to other power planes.
Use short, thick traces to connect the inductors to the
SWx pins and the output capacitors.
Ensure that the high current loop traces are as short and wide
as possible.
Maximize the amount of ground metal for the exposed pad,
and use as many vias as possible on the component side to
improve thermal dissipation.
Use a ground plane with several vias connecting to the
component side ground to further reduce noise
interference on sensitive circuit nodes.
Place the decoupling capacitors close to the VREF pin.
Place the RC filter close to the AVIN pin.
Place the frequency setting resistor close to the RT pin.
Place the VREF resistor divider close to the VSETx and the
feedback resistor divider close to the FBx pin. In addition,
keep the VSETx and FBx traces away from the high current
traces and the switch node to avoid noise pickup.
Use size 0402 or 0603 resistors and capacitors to achieve
the smallest possible footprint solution on boards where
space is limited.
47µF
6.3V/XR5
0603
47µF
6.3V/XR5
0603
VOUT1
VOUT2
47µF
6.3V/XR5
0805
47µF
6.3V/XR5
0805
47µF
6.5V/XR5
0805
47µF
6.3V/XR5
0805
R0402
R0402
R0402
R0402
R0402
R0402
ADP5014
6mm × 6mm
30
29
28
27
26
25
24
23
22
21
VSET4
FB3
FB4
VSET3 VREF VSET2 VSET1
RT
AVIN
FB1 COMP1
PVIN1
PVIN1
SW1
PVIN2
GPIO
EN4/
DL34 EN3/UV CFG2
CFG1
EN2/
DL12
EN1/
ENALL
FB2
COMP2
COMP3
PVIN3
SW3
PGND3
PGND4
SW4
PVIN4
COMP4
SW1
PGND1
PGND1
PGND2
PGND2
SW2
SW2
PVIN2
1
2
3
4
5
6
7
8
9
10
Figure 45. Typical PCB Layout for the ADP5014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com