Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5014ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Integrated Power Solution
with Quad Low Noise Buck Regulators
Data Sheet
ADP5014
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.75 V to 6.0 V
Programmable output voltage range: 0.5 V to 0.9 × PVINx
Low output noise: ~25 μV rms when VOUT ≤ VREF
±1.0% output accuracy over full temperature range
500 kHz to 2.5 MHz adjustable switching frequency
Power regulation
Channel 1 and Channel 2: programmable 2 A/4 A sync
buck regulators, or single 8 A output in parallel
Channel 3 and Channel 4: programmable 1 A/2 A sync
buck regulators, or single 4 A output in parallel
Flexible parallel operation
Precision enable with 0.6 V threshold
Manual or sequence mode for power-up and power-down
sequence
Selective FPWM or PSM operation mode
Precision undervoltage comparator
Frequency synchronization input or output
Active output discharge switch
Power-good flag on selective channels via factory fuse
UVLO, OVP, OCP, and TSD protection
40-lead, 6 mm × 6 mm LFCSP package
−40°C to +125°C junction temperature
APPLICATIONS
RF transceiver, high speed analog-to-digital converter
(ADC)/digital-to-analog converter (DAC), mixed signal ASIC
FPGA and processor applications
Security and surveillance
Medical applications
TYPICAL APPLICATION CIRCUIT
L1
GPIO
AVIN
FB1
SW1
L4
SW4
FB4
PGND4
PVIN1
COMP1
PVIN2
PVIN3
PVIN4
C2
C3
C4
C8
C9
2.75V TO 6.0V
VOUT1
VOUT4
L3
L2
SW3
SW2
FB3
FB2
PGND3
PGND2
C7
C5
VOUT3
VOUT2
AGND
EXPOSED PAD
ADP5014
PGND1
EN3/UV
EN2/DL12
VSET1
CH 1
LOW-NOISE BUCK
(2A/4A)
CH 2
LOW-NOISE BUCK
(2A/4A)
CH 3
LOW-NOISE BUCK
(1A/2A)
CH 4
LOW-NOISE BUCK
(1A/2A)
EN1/ENALL
EN4/DL34
VREF
VREF
CFG1
CFG2
RT
C1
REF
OSC
LOGIC DECODER
RRT
COMP2
VSET2
VREF
COMP3
VSET3
VREF
COMP4
VSET4
VREF
C6
PVIN1
Figure 1.
GENERAL DESCRIPTION
The ADP5014 combines four high performance, low noise
buck regulators in a 40-lead LFCSP package. Relying on its low
output noise (~25 μV rms when VOUT ≤ VREF), the low noise
buck regulator enables the powering up of the noise sensitive
signal chain products.
All channels in the ADP5014 integrate high-side and low-side
power metal-oxide semiconductor field effect transistors
(MOSFET). Channel 1 and Channel 2 deliver a programmable
output current of 2 A or 4 A. Combining Channel 1 and
Channel 2 in a parallel configuration provides a single output
with up to 8 A of current.
Channel 3 and Channel 4 deliver a programmable output current
of 1 A or 2 A. Combining Channel 3 and Channel 4 in a parallel
configuration can provide a single output with up to 4 A of
current.
The ADP5014 features two enable modes. The manual mode
has four individual precision enable pins to enable each
regulator manually. Alternatively, the sequence mode has one
grouped precision enable signal with programmable power-up
and power-down delay timers on each rail for specific rail
sequence requirements.
The switching frequency of the ADP5014 can be programmed
or synchronized to an external clock from 500 kHz to 2.5 MHz.
The ADP5014 offers other key features like selective forced
pulse width modulation (FPWM)/power saving mode (PSM),
an undervoltage output (UVO), active output discharge, and a
power-good flag. Other safety features include input under-
voltage lockout (UVLO), overvoltage protection (OVP),
overcurrent protection (OCP) and thermal shutdown (TSD).


Similar Part No. - ADP5014ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5003 AD-ADP5003 Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5003ACPZ-R7 AD-ADP5003ACPZ-R7 Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5003CP-EVALZ AD-ADP5003CP-EVALZ Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5020 AD-ADP5020 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
ADP5020ACPZ-R7 AD-ADP5020ACPZ-R7 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
More results

Similar Description - ADP5014ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
logo
ams AG
AS3415 AMSCO-AS3415 Datasheet
1Mb / 102P
Integrated Active Noise Cancelling Solution with Bypass Feature
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
Quad Buck Regulator Integrated Power Solution
REV. B
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
Single Synchronous Buck Regulators with Integrated FET
logo
Analog Devices
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
Triple Buck Regulator Integrated Power Solution
5/2020-Revision 0
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21-REV.A
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com