Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 7 of 34
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AVIN to Ground
−0.3 V to +6.5 V
PVIN1 to PGND1
−0.3 V to +6.5 V
PVIN2 to PGND2
−0.3 V to +6.5 V
PVIN3 to PGND3
−0.3 V to +6.5 V
PVIN4 to PGND4
−0.3 V to +6.5 V
SW1 to PGND1
−0.3 V to +6.5 V
SW2 to PGND2
−0.3 V to +6.5 V
SW3 to PGND3
−0.3 V to +6.5 V
SW4 to PGND4
−0.3 V to +6.5 V
PGND to Ground
−0.3 V to + 0.3 V
CFG1, CFG2 to Ground
−0.3 V to +6.5 V
EN1/ENALL, EN2/DL12, EN3/UV,
EN4/DL34 to Ground
−0.3 V to +6.5 V
GPIO to Ground
−0.3 V to +6.5 V
RT to Ground
−0.3 V to +6.5 V
VREF to Ground
−0.3 V to +6.5 V
FB1, FB2, FB3, FB4 to Ground 1
−0.3 V to +6.5 V
COMP1, COMP2, COMP3, COMP4
to Ground
−0.3 V to +6.5 V
VSET1, VSET2, VSET3, VSET4 to
Ground
−0.3 V to +6.5 V
Storage Temperate Range
−65°C to +150°C
Operational Junction Temperature
Range
−40°C to +125°C
1
The rating for the FB1, FB2, FB3, and FB4 pins applies to the adjustable
output voltage models of the ADP5014.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-40-10
40
11.1
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com