Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 14 of 34
THEORY OF OPERATION
The ADP5014 is a power management unit that combines four
high performance, low noise buck regulators in a 40-lead LFCSP
package.
BUCK REGULATOR OPERATIONAL MODES
PWM Mode
In PWM mode, the buck regulators in the ADP5014 operate at
a fixed frequency; this frequency is set by an internal oscillator
that is programmed by the RT pin. At the start of each
oscillator cycle, the high-side MOSFET switch turns on and sends
a positive voltage across the inductor. The inductor current
increases until the current sense signal exceeds the peak
inductor current threshold that turns off the high-side
MOSFET switch. This threshold is set by the error amplifier
output. During the high-side MOSFET off time, the inductor
current decreases through the low-side MOSFET switch until
the next oscillator clock pulse starts a new cycle. The buck
regulators in the ADP5014 regulate the output voltage by
adjusting the peak inductor current threshold.
PSM Mode
To achieve higher efficiency, the buck regulators in the
ADP5014 smoothly transition to variable frequency PSM mode
operation when the output load falls below the PSM current
threshold. When the output voltage falls below regulation, the
buck regulator enters PWM mode for a few oscillator cycles
until the voltage increases to within regulation. During the idle
time between bursts, the MOSFET switch turns off, and the
output capacitor supplies all the output current.
The PSM mode comparator monitors the internal compensation
node, which represents the peak inductor current information.
The average PSM mode current threshold depends on the input
voltage (VIN), the output voltage (VOUT), the inductor, and the
output capacitor. Because the output voltage occasionally falls
below regulation and then recovers, the output voltage ripple in
PSM mode is larger than the ripple in the forced PWM mode of
operation under light load conditions.
FPWM and Automatic PWM/PSM Modes
The buck regulators can be configured to always operate in FPWM
mode using the CFG2 configuration pin. In forced PWM mode,
the regulator continues to operate at a fixed frequency even when
the output current is below the PWM/PSM threshold. In PWM
mode, the efficiency is lower compared to PSM mode under light
load conditions. The low-side MOSFET remains on when the
inductor current falls to less than 0 A, causing the ADP5014 to
enter continuous conduction mode (CCM).
The buck regulators can be configured to operate in automatic
PWM or PSM mode using the CFG2 configuration pin. In
automatic PWM/PSM mode, the buck regulators operate in
either PWM mode or PSM mode, depending on the output
current. When the average output current falls below the
PWM/PSM threshold, the buck regulator enters PSM mode
operation; in PSM mode, the regulator operates with a reduced
switching frequency to maintain high efficiency. The low-side
MOSFET turns off when the output current reaches 0 A, causing
the regulator to operate in discontinuous mode (DCM).
Use the CFG2 pin to configure the operational mode of all four
buck regulators to operate in PWM mode or automatic
PWM/PSM mode.
LOW NOISE ARCHITECTURE
Traditional dc-to-dc or linear regulator output noise is typically
proportional to the output voltage setting. The ADP5014 optimizes
many analog blocks to achieve lower output noise at low frequency
range. The unity-gain voltage reference structure also makes its
output noise independent from the output voltage setting when
VOUT setting is less than VREF voltage.
The low noise buck regulator enables the device to power up noise
sensitive signal chain products directly with excellent output noise
performance, ~25 μV rms from 10 Hz to 100 kHz, which is similar
or even better than traditional low dropout regulators (LDOs).
The additional LC filter is still required because the fundamental
switching output ripple and its harmonic affects signal chain
performance and likely generates unexpected spurs. This
additional LC filter is typically relatively small due to the high
switching frequency operation of the buck regulator in the
ADP5014.
INTERNAL REFERENCE (VREF)
The ADP5014 provides an accurate, low noise, 2.0 V reference
voltage. One 0.47 μF ceramic capacitor must be connected
between VREF and ground. A larger value of capacitance provides
better noise suppression.
The VREF reference circuitry is mainly designed for internal use
and has very limited output load capacity (<1 mA); therefore,
check the load capability requirements if VREF is used for other
purposes.
ADJUSTABLE OUTPUT VOLTAGE
The ADP5014 provides adjustable output voltage settings via
the external resistor divider. To minimize output noise and
maintain the loop unity-gain, the device provides the reference
input path to the error amplifier input with the integrated low-
frequency filter for each channel. Use an external resistor
divider to set the desired output voltage. Figure 28 shows the
adjustable output voltage diagram.
BUCK
COUTx
RA
RB
VSETx
SWx
PVINx
VREF
VFBx
VOUTx
RTOP
RBOT
Figure 28. Adjustable Output Voltage Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com