Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 16 of 34
PARALLEL OPERATION
The ADP5014 supports 2-phase parallel operation of Channel 1
and Channel 2 to provide a single output with up to 8 A of
current, and two-phase parallel operation of Channel 3 and
Channel 4 to provide a single output with up to 4 A of current.
To configure a 2-phase single output in parallel operation,
perform the following steps (see Figure 29). Use the CFG1 pin
to select parallel operation as specified in Table 7.
Leave the COMP2 pin (or COMP4 pin) open.
Use the VSET1 and FB1 pin (or VSET3 and FB3 pin) to set
the output voltage.
Connect the FB2 and VSET2 pin (or FB4 pin and VSET4)
to ground (FB2 is ignored). Connect the EN2/DL12 pin (or
EN4/DL34 pin) to ground in manual enable mode (EN2 is
ignored). Note that the EN2/DL12 pin is for the delay timer
configuration in sequence enable mode.
CH1
BUCK
(4A)
CH2
BUCK
(4A)
FB1
PVIN1
VIN
EN1
EN2
COMP1
VSET1
SW1
L1
FB2
SW2
L2
PVIN2
COMP2
VREF
VSET2
CFG1
VOUT
(UP TO 8A)
Figure 29. Parallel Operation for Channel 1 and Channel 2
The following considerations apply when two channels are
operating in the parallel configuration:
The input voltages for both channels are the same.
Both channels are operating in forced PWM mode.
Do not support sequence mode.
The current balance in parallel configuration is well regulated
by the internal control loop. Figure 30 shows the typical current
balance matching in the parallel output configuration.
TOTAL OUTPUT LOAD (A)
024
68
CHANNEL 1 CURRENT
CHANNEL 2 CURRENT
Figure 30. Current Balance in Parallel Output Configuration, VIN = 5 V,
VOUT = 1.2 V, fSW = 1.2 MHz, FPWM Mode
MANUAL/SEQUENCE MODE
The ADP5014 features two enable modes using the CFG2 pin
configuration. The manual mode has individual precision
enable pins to enable each regulator manually. Alternatively,
the sequence mode has one grouped precision enable signal
with a programmable power-up and power-down delay timer on
each rail.
The enable pin (EN1 to EN4) functionality is different in
manual mode and sequence mode. Note that throughout this
data sheet, multifunction pins, such as EN1/ENALL, are referred to
by either the entire pin name or by a single function of the pin, for
example, EN1, when only that format is relevant. Figure 31 and
Table 8 show the pin mapping in different enable modes.
If some channels are unused, pull down the corresponding
PVINx and ENx pin to ground and leave the SWx, COMPx,
VSETx, and FBx pins floating.
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
VOUT1
VOUT2
VOUT3
VOUT4
EN1
EN2
EN3
EN4
GPIO
VOUT1
VOUT2
VOUT3
VOUT4
MANUAL ENABLE
MODE
DL12
DL34
UV
GPIO
+
0.6V
SEQUENCE ENABLE
MODE
ENALL
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
Figure 31. Pin Configuration in Different Enable Modes
Table 8. Pin Functionality in Different Enable Modes
Pin Name
Manual Enable Mode
Sequence Enable Mode
EN1/ENALL (Pin 17)
EN1—enable pin for Channel 1
ENALL—grouped enable pin for all four channels
EN2/DL12 (Pin 16)
EN2—enable pin for Channel 2
DL12—delay timer setting for Channel 1 and Channel 2
EN3/UV (Pin 13)
EN3—enable pin for Channel 3
UV—undervoltage comparator input
EN4/DL34 (Pin 12)
EN4—enable pin for Channel 4
DL34—delay timer setting for Channel 3 and Channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com