Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 13 of 34
CH1 1.00V
CH2 2.00V
M 4.00ms
A CH1
820mV
1
2
3
4
T 24.20%
B
W
CH3 2.00V
CH4 2.00V
B
W
B
W
B
W
Figure 22. Startup for All Channels Under Sequence Enable Mode,
Channel 1 = VOUT1, Channel 2 = VOUT2, Channel 3 = VOUT3, Channel 4 = VOUT4
CH1 1.00V
CH2 2.00V
M 10.0ms
A CH1
780mV
1
2
3
4
T 72.00%
B
W
CH3 2.00V
CH4 2.00V
B
W
B
W
B
W
Figure 23. Shutdown for All Channels Under Sequence Enable Mode,
Channel 1 = VOUT1, Channel 2 = VOUT2, Channel 3 = VOUT3, Channel 4 = VOUT4
CH1 5.00V
CH2 500mV
M 1.00ms
A CH2
780mV
1
2
3
4
T 42.80%
B
W
CH3 5.00V
CH4 5.00A
B
W
B
W
B
W
Ω
Figure 24. Channel 1 Startup with Full Load, VIN = 5 V, VOUT = 1.2 V,
Channel 1 = EN1/ENALL, Channel 2 = VOUT1, Channel 3 = PWRGD,
Channel 4 = IOUT1
CH1 5.00V
CH2 500mV
M 20.0ms
A CH2
780mV
1
2
3
4
T 42.8%
B
W
CH3 5.00V
CH4 5.00A
B
W
B
W
B
W
Ω
Figure 25. Channel 1 Shutdown with Active Output Discharge, VIN= 5 V, VOUT =
1.2 V, fSW = 1.2 MHz, L = 0.8 µH, COUT = 47 µF × 2, Channel 1 = EN1/ENALL,
Channel 2 = VOUT1, Channel 3 = PWRGD, Channel 4 = IOUT1
CH1 500mV
CH2 5.00V
M 10.0ms
A CH1
520mV
1
2
4
T 25.60%
B
W
CH4 5.00A
B
W
Ω
Figure 26. Short-Circuit Protection Entry, VIN = 5 V, VOUT = 1.2 V, fSW = 1.2 MHz,
L = 0.8 µH, COUT = 47 µF × 2, Channel 1 = VOUTX, Channel 2 = SWX,
Channel 4 = ILX
CH1 500mV
CH2 5.00V
M10.0ms
A CH1
1.01V
1
2
4
T 80.60%
B
W
CH4 5.00A
B
W
Ω
Figure 27. Short-Circuit Protection Recovery, VIN = 5 V, VOUT= 1.2 V, fSW = 1.2 MHz,
L = 0.8 µH, COUT = 47 µF × 2, Channel 1 = VOUTX, Channel 2 = SWX,
Channel 4 = ILX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com